Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 614 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 614 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 610Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 611Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 612Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 613Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 614Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 615Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 616Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 617Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 618Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 614 / 976 page
background image
The Generic FlexCAN2 Module
MAC7200 Microcontroller Family Reference Manual, Rev. 2
536
Freescale Semiconductor
Figure 28-13. Segments within the Bit Time
Figure 28-17 gives an overview of the CAN compliant segment settings and the related parameter values.
Table 28-16. Time Segment Syntax
Syntax
Description
SYNC_SEG
System expects transitions to occur on the bus during this period.
Transmit Point
A node in transmit mode transfers a new value to the CAN bus at this point.
Sample Point
A node samples the bus at this point. If the three samples per bit option is
selected, then this point marks the position of the third sample.
Table 28-17. CAN Standard Compliant Bit Time Segment Settings
Time Segment 1
Time Segment 2
Re-synchronization
Jump Width
5 .. 10
2
1 .. 2
4 .. 11
3
1 .. 3
5 .. 12
4
1 .. 4
6 .. 13
5
1 .. 4
7 .. 14
6
1 .. 4
8 .. 15
7
1 .. 4
9 .. 16
8
1 .. 4
SYNC_SEG
Time Segment 1
Time Segment 2
1
4 ... 16
2 ... 8
8 ... 25 Time Quanta
= 1 Bit Time
NRZ Signal
Sample Point
(single or triple sampling)
(PROP_SEG + PSEG1 + 2)
(PSEG2 + 1)
Transmit Point



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com