Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 612 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 612 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 608Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 609Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 610Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 611Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 612Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 613Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 614Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 615Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 616Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 612 / 976 page
background image
The Generic FlexCAN2 Module
MAC7200 Microcontroller Family Reference Manual, Rev. 2
534
Freescale Semiconductor
Deactivation takes precedence over locking. If the CPU deactivates a locked Rx MB, then its lock status
is negated and the MB is marked as invalid for the current matching round. Any pending message on the
SMB will not be transferred anymore to the MB
28.2.7.7
CAN Protocol Related Features
28.2.7.7.1
Remote Frames
Remote frame is a special kind of frame. The user can program a MB to be a Request Remote Frame by
writing the MB as Transmit with the RTR bit set to ‘1’. After the Remote Request frame is transmitted
successfully, the MB becomes a Receive Message Buffer, with the same ID as before.
When a Remote Request frame is received by FlexCAN, its ID is compared to the IDs of the transmit
message buffers with the Code field ‘1010’. If there is a matching ID, then this MB frame will be
transmitted. Note that if the matching MB has the RTR bit set, then FlexCAN will transmit a Remote
Frame as a response.
A received Remote Request Frame is not stored in a receive buffer. It is only used to trigger a transmission
of a frame in response. The mask registers are not used in remote frame matching, and all ID bits (except
RTR) of the incoming received frame should match.
In the case that a Remote Request Frame was received and matched an MB, this message buffer
immediately enters the internal arbitration process, but is considered as normal Tx MB, with no higher
priority. The data length of this frame is independent of the DLC field in the remote frame that initiated its
transmission.
28.2.7.7.2
Overload Frames
FlexCAN does transmit overload frames due to detection of following conditions on CAN bus:
•
Detection of a dominant bit in the first/second bit of Intermission
•
Detection of a dominant bit at the 7th bit (last) of End of Frame field (Rx frames)
•
Detection of a dominant bit at the 8th bit (last) of Error Frame Delimiter or Overload Frame
Delimiter
28.2.7.7.3
Time Stamp
The value of the Free Running Timer is sampled at the beginning of the Identifier field on the CAN bus,
and is stored at the end of “move-in” in the TIME STAMP field, providing network behavior with respect
to time.
Note that the Free Running Timer can be reset upon a specific frame reception, enabling network time
synchronization. Refer to TSYN description in Section 28.2.6.3.2, “Control Register (CTRL).”
28.2.7.7.4
Protocol Timing
Figure 28-12 shows the structure of the clock generation circuitry that feeds the CAN Protocol Interface
(CPI) sub-module. The clock source bit (CLK_SRC) in the CTRL Register defines whether the internal
clock is connected to the output of a crystal oscillator (Oscillator Clock) or to the Peripheral Clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com