Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 615 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 615 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 611Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 612Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 613Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 614Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 615Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 616Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 617Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 618Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 619Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 615 / 976 page
background image
The Generic FlexCAN2 Module
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
537
NOTE
It is the user’s responsibility to ensure the bit time settings are in compliance
with the CAN standard. For bit time calculations, use an IPT (Information
Processing Time) of 2, which is the value implemented in the FlexCAN
module.
28.2.7.7.5
Arbitration and Matching Timing
During normal transmission or reception of frames, the arbitration, matching, move-in and move-out
processes are executed during certain time windows inside the CAN frame, as shown in Figure 28-14.
Figure 28-14. Arbitration, Match and Move Time Windows
When doing matching and arbitration, FlexCAN needs to scan the whole Message Buffer memory during
the available time slot. In order to have sufficient time to do that, the following requirements must be
observed:
•
A valid CAN bit timing must be programmed, as indicated in Table 28-17
•
The peripheral clock frequency can not be smaller than the oscillator clock frequency, i.e. the PLL
can not be programmed to divide down the oscillator clock
•
There must be a minimum ratio between the peripheral clock frequency and the CAN bit rate, as
specified in Table 28-18
A direct consequence of the first requirement is that the minimum number of time quanta per CAN bit must
be 8, so the oscillator clock frequency should be at least 8 times the CAN bit rate. The minimum frequency
ratio specified in Table 28-18 can be achieved by choosing a high enough peripheral clock frequency when
compared to the oscillator clock frequency, or by adjusting one or more of the bit timing parameters
(PRESDIV, PROPSEG, PSEG1, PSEG2). As an example, taking the case of 64 MBs, if the oscillator and
peripheral clock frequencies are equal and the CAN bit timing is programmed to have 8 time quanta per
bit, then the prescaler factor (PRESDIV + 1) should be at least 2. For prescaler factor equal to one and
Table 28-18. Minimum Ratio Between Peripheral Clock Frequency and CAN Bit Rate
Number of Message
Buffers
Minimum Ratio
16
8
32
8
64
16
CRC (15)
EOF (7)
Interm
Start Move
Matching/Arbitration Window (24 bits)
Move
(bit 6)
Window



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com