Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 613 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 613 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 609Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 610Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 611Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 612Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 613Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 614Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 615Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 616Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 617Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 613 / 976 page
background image
The Generic FlexCAN2 Module
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
535
(generally from a PLL). In order to guarantee reliable operation, the clock source should be selected while
the module is in Disable Mode (bit MDIS set in the Module Configuration Register).
Figure 28-12. CAN Engine Clocking Scheme
The crystal oscillator clock should be selected whenever a tight tolerance (up to 0.1%) is required in the
CAN bus timing. The crystal oscillator clock has better jitter performance than PLL generated clocks.
NOTE
This clock selection feature may not be available in all MCUs. A particular
MCU may not have a PLL, in which case it would have only the oscillator
clock, or it may use only the PLL clock feeding the FlexCAN module. In
these cases, the CLK_SRC bit in the CTRL Register has no effect on the
module operation.
The FlexCAN module supports a variety of means to setup bit timing parameters that are required by the
CAN protocol. The Control Register has various fields used to control bit timing parameters: PRESDIV,
PROPSEG, PSEG1, PSEG2 and RJW. See Section 28.2.6.3.2, “Control Register (CTRL).”
The PRESDIV field controls a prescaler that generates the Serial Clock (Sclock), whose period defines the
‘time quantum’ used to compose the CAN waveform. A time quantum is the atomic unit of time handled
by the CAN engine.
Eqn. 28-1
A bit time is subdivided into three segments1 (reference Figure 28-13 and Table 28-16):
•
SYNC_SEG: This segment has a fixed length of one time quantum. Signal edges are expected to
happen within this section
•
Time Segment 1: This segment includes the Propagation Segment and the Phase Segment 1 of the
CAN standard. It can be programmed by setting the PROPSEG and the PSEG1 fields of the CTRL
Register so that their sum (plus 2) is in the range of 4 to 16 time quanta
•
Time Segment 2: This segment represents the Phase Segment 2 of the CAN standard. It can be
programmed by setting the PSEG2 field of the CTRL Register (plus 1) to be 2 to 8 time quanta long
Eqn. 28-2
1. For further explanation of the underlying concepts please refer to ISO/DIS 11519–1, Section 10.3. Reference also the Bosch
CAN 2.0A/B protocol specification dated September 1991 for bit timing.
Peripheral Clock (PLL)
Oscillator Clock (Xtal)
CLK_SRC
Prescaler
(1 .. 256)
Sclock
CPI Clock
f
Tq
f
CANCLK
Prescaler value
-----------------------------------------
=
Bit Rate
f
Tq
number of Time Quanta
---------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com