Electronic Components Datasheet Search
  English  ▼

X  

AM3892 Datasheet(PDF) 56 Page - Texas Instruments

Click here to check the latest version.
Part # AM3892
Description  AM389x Sitara ARM Microprocessors (MPUs)
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3892 Datasheet(HTML) 56 Page - Texas Instruments

Back Button AM3892 Datasheet HTML 52Page - Texas Instruments AM3892 Datasheet HTML 53Page - Texas Instruments AM3892 Datasheet HTML 54Page - Texas Instruments AM3892 Datasheet HTML 55Page - Texas Instruments AM3892 Datasheet HTML 56Page - Texas Instruments AM3892 Datasheet HTML 57Page - Texas Instruments AM3892 Datasheet HTML 58Page - Texas Instruments AM3892 Datasheet HTML 59Page - Texas Instruments AM3892 Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 299 page
background image
AM3894
AM3892
SPRS681A – OCTOBER 2010 – REVISED MARCH 2011
www.ti.com
Table 3-5. GPIO Terminal Functions (continued)
SIGNAL
TYPE(1)
OTHER(2) (3)
MUXED
DESCRIPTION
NAME
NO.
GPIO1
Note: General-Purpose Input/Output (I/O) pins can also serve as external interrupt inputs.
PULL: IPD / IPD
GP1[31]/
SATA
J33
I/O
DRIVE: Z / Z
General-Purpose Input/Output (I/O) 1 [GP1] pin 31.
SATA_ACT1_LED
PINCTRL300
DVDD_3P3
PULL: IPD / IPD
GP1[30]/
SATA
J32
I/O
DRIVE: Z / Z
General-Purpose Input/Output (I/O) 1 [GP1] pin 30.
SATA_ACT0_LED
PINCTRL299
DVDD_3P3
PULL: IPD / DIS
GPMC_CLK/
GPMC
V1
I/O
DRIVE: L / L
General-Purpose Input/Output (I/O) 1 [GP1] pin 29.
GP1[29]
PINCTRL250
DVDD_3P3
PULL: IPU / IPU
UART0_CTS/
UART0
N7
I/O
DRIVE: Z / Z
General-Purpose Input/Output (I/O) 1 [GP1] pin 28.
GP1[28]
PINCTRL176
DVDD_3P3
PULL: IPU / DIS
UART0_RTS/
UART0
N9
I/O
DRIVE: H / H
General-Purpose Input/Output (I/O) 1 [GP1] pin 27.
GP1[27]
PINCTRL175
DVDD_3P3
UART1_CTS/
PULL: IPU / IPU
GPMC_A[13]/
UART1, GPMC
L3
I/O
DRIVE: Z / Z
General-Purpose Input/Output (I/O) 1 [GP1] pin 26.
GPMC_A[17]/
PINCTRL184
DVDD_3P3
GP1[26]
UART1_RTS/
PULL: IPU / DIS
GPMC_A[14]/
UART1, GPMC
M2
I/O
DRIVE: H / H
General-Purpose Input/Output (I/O) 1 [GP1] pin 25.
GPMC_A[18]/
PINCTRL183
DVDD_3P3
GP1[25]
UART2_CTS/
PULL: IPU / IPU
GPMC_A[16]/
UART2, GPMC
K7
I/O
DRIVE: Z / Z
General-Purpose Input/Output (I/O) 1 [GP1] pin 24.
GPMC_A[25]/
PINCTRL188
DVDD_3P3
GP1[24]
UART2_RTS/
PULL: IPU / DIS
GPMC_A[15]/
UART2, GPMC
L9
I/O
DRIVE: H / H
General-Purpose Input/Output (I/O) 1 [GP1] pin 23.
GPMC_A[26]/
PINCTRL187
DVDD_3P3
GP1[23]
SPI_SCS[3]/
PULL: DIS / IPU
SPI, GPMC
GPMC_A[21]/
P1
I/O
DRIVE: Z / Z
General-Purpose Input/Output (I/O) 1 [GP1] pin 22.
PINCTRL170
GP1[22]
DVDD_3P3
PULL: IPU / IPU
GPMC_CS[4]/
GPMC
AG3
I/O
DRIVE: H / H
General-Purpose Input/Output (I/O) 1 [GP1] pin 21.
GP1[21]
PINCTRL211
DVDD_3P3
PULL: IPD / DIS
GPMC_DIR/
GPMC
AE7
I/O
DRIVE: L / H
General-Purpose Input/Output (I/O) 1 [GP1] pin 20.
GP1[20]
PINCTRL218
DVDD_3P3
UART0_RIN/
PULL: IPU / IPU
GPMC_A[17]/
UART0, GPMC
N3
I/O
DRIVE: Z / Z
General-Purpose Input/Output (I/O) 1 [GP1] pin 19.
GPMC_A[22]/
PINCTRL180
DVDD_3P3
GP1[19]
UART0_DCD/
PULL: IPU / IPU
GPMC_A[18]/
UART0, GPMC
N5
I/O
DRIVE: Z / Z
General-Purpose Input/Output (I/O) 1 [GP1] pin 18.
GPMC_A[23]/
PINCTRL179
DVDD_3P3
GP1[18]
UART0_DSR/
PULL: IPU / IPU
GPMC_A[19]/
UART0, GPMC
N4
I/O
DRIVE: Z / Z
General-Purpose Input/Output (I/O) 1 [GP1] pin 17.
GPMC_A[24]/
PINCTRL178
DVDD_3P3
GP1[17]
UART0_DTR/
PULL: IPU / DIS
GPMC_A[20]/
UART0, GPMC
N6
I/O
DRIVE: H / H
General-Purpose Input/Output (I/O) 1 [GP1] pin 16.
GPMC_A[12]/
PINCTRL177
DVDD_3P3
GP1[16]
56
Device Pins
Copyright © 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM3894 AM3892



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com