Electronic Components Datasheet Search
  English  ▼

X  

AM3892 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # AM3892
Description  AM389x Sitara ARM Microprocessors (MPUs)
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3892 Datasheet(HTML) 6 Page - Texas Instruments

Back Button AM3892 Datasheet HTML 2Page - Texas Instruments AM3892 Datasheet HTML 3Page - Texas Instruments AM3892 Datasheet HTML 4Page - Texas Instruments AM3892 Datasheet HTML 5Page - Texas Instruments AM3892 Datasheet HTML 6Page - Texas Instruments AM3892 Datasheet HTML 7Page - Texas Instruments AM3892 Datasheet HTML 8Page - Texas Instruments AM3892 Datasheet HTML 9Page - Texas Instruments AM3892 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 299 page
background image
AM3894
AM3892
SPRS681A – OCTOBER 2010 – REVISED MARCH 2011
www.ti.com
Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
This revision history highlights the technical changes made to the document in this revision.
AM389x Revisions
SEE
ADDITIONS/MODIFICATIONS/DELETIONS
Section 1.1
Features:
Modified GPMC Chip Selects feature item
Section 1.2
Description:
Modified last paragraph
Section 2.5
Added new section: Inter-Processor Communication
Moved Section 2.5.1, Mailbox Module, and Section 2.5.2, Spinlock Module, under Inter-Processor
Communication
Section 2.5.1.1
Added new section: Mailbox Registers
Section 2.5.2
Spinlock Module:
Modified number of spinlocks in last paragraph
Section 2.5.2.1
Added new section: Spinlock Registers
Section 2.8.1
L3 Memory Map:
Change Block for Address 0x47C0 0000 - 0x47FF FFFF to Reserved in Table 2-19, L3 Memory Map
Deleted L4 Firewall Peripheral section
Section 2.8.4
Cortex™-A8 Memory Map:
Changed Region for Address 0x47C0 0000 - 0x47FF FFFF to Reserved in Table 2-23, Cortex™-A8 Memory
Map
Section 3.2.1
Boot Configuration:
Modified GPMC_A[7]/GP0[15]/CS0MUX[1] and GPMC_A[6]/GP0[14]/CS0MUX[0] Signal Description in
Table 3-1
Section 3.2.11
Peripheral Component Interconnect Express (PCIe) Signals:
Modified PCIE_TXP|N0/1 and PCIE_RXP|N0/1 Signal Descriptions in Table 3-14, PCIe Terminal Functions
Section 3.2.23
Supply Voltages:
Modified DVDD1P8 Signal Description in Table 3-30, Supply Terminal Functions
Section 4.1
Control Module:
Modified Acronym and Register Name for Hex Address 0x4814 0608 and 0x4814 060C in Table 4-4, Device
Configuration Registers Summary
Section 4.4
Pin Multiplexing Control:
Modified first paragraph
Section 4.5
Moved How to Handle Unused Pins up to this section
Section 5
System Interconnect:
Modified second paragraph
Section 5.1
L3 Interconnect:
Modified Figure 5-1, Interconnect Overview
Modified Table 5-1, L3 Master/Slave Connectivity
Section 5.2
L4 Interconnect:
Modified second paragraph
Modified Figure 5-2, L4 Architecture
Modified Table 5-2, L4 Peripheral Connectivity
Section 6
Device Operating Conditions:
Added MIN and MAX columns, modified ESD parameters, added Footnote (6), modified Footnotes (7) and
(8) in Section 6.1, Absolute Maximum Ratings Over Operating Case Temperature Range
Section 7.1.4
SmartReflex:
Modified first paragraph
6
Contents
Copyright © 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM3894 AM3892



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com