| Electronic Components Datasheet Search |
|
AM3892 Datasheet(PDF) 98 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM3892 Datasheet(HTML) 98 Page - Texas Instruments |
|
98 / 299 page ![]() AM3894 AM3892 SPRS681A – OCTOBER 2010 – REVISED MARCH 2011 www.ti.com Table 3-30. Supply Terminal Functions (continued) SIGNAL TYPE(1) OTHER DESCRIPTION NAME NO. 1.5-V Regulator Power Supply for SATA VDDR_SATA V25, U25 S - Note: If the SATA is not used, for proper device operation, these pins must be connected to a 1.5-V power supply. 1.5-V Regulator Power Supply for PCIe VDDR_PCIE Y25, W25 S - Note: If the PCIe is not used, for proper device operation, these pins must be connected to a 1.5-V power supply. L19, L18, L17, L16, L15, L14, Power Supply for DDR[0] I/Os: K19, K18, K17, DVDD_DDR[0] K16, K15, K14, S - • 1.5-V for DDR3 memory type J18, J17, J16, • 1.8-V for DDR2 memory type J15, J14, E11, A11, E1, A2 L24, L23, L22, L21, L20, K24, 1.5-V Power Supply for DDR[1] I/Os: K23, K22, K21, DVDD_DDR[1] K20, J24, J23, S - • 1.5-V for DDR3 memory type J22, J21, J20, • 1.8-V for DDR2 memory type J19, E27, D37, A36, A27 1.8-V Power Supply for Device Oscillator DEVOSC_DVDD18 E19 S - Note: If the oscillator is not used, this pin should be connected to the 1.8-V power supply (DVDD1P8). 1.8-V Power Supply for USB0 Note: If the USB is not used, for proper device operation, this pin VDD_USB0_1P8 R25 S - must be connected to a 1.8-V power supply, or when the USB PHY is not used, this pin can be optionally connected to CVDDC. 1.8-V Power Supply for USB1 Note: If the USB is not used, for proper device operation, this pin VDD_USB1_1P8 T25 S - must be connected to a 1.8-V power supply, or when the USB PHY is not used, this pin can be optionally connected to CVDDC. DVDD1P8 AJ20, AJ24 S - 1.8-V Power Supply 1.8-V Reference Power Supply for VDAC VDDA_REF_1P8 AT22 S - Note: If the VDAC is not used, these pins should be connected to a 1.8-V power supply. 1.8-V Analog Power Supply for VDAC HD DAC VDDA_HD_1P8 AJ22, AH22 S - Note: If the HD DAC is not used, these pins should be connected to a 1.8-V power supply. 1.8-V Analog Power Supply for VDAC SD DAC AJ21, AH21, VDDA_SD_1P8 S - Note: If the SD DAC is not used, these pins should be connected AH20 to a 1.8-V power supply. 98 Device Pins Copyright © 2010–2011, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Link(s): AM3894 AM3892 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |