Electronic Components Datasheet Search
  English  ▼

X  

AM3892 Datasheet(PDF) 102 Page - Texas Instruments

Click here to check the latest version.
Part # AM3892
Description  AM389x Sitara ARM Microprocessors (MPUs)
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3892 Datasheet(HTML) 102 Page - Texas Instruments

Back Button AM3892 Datasheet HTML 98Page - Texas Instruments AM3892 Datasheet HTML 99Page - Texas Instruments AM3892 Datasheet HTML 100Page - Texas Instruments AM3892 Datasheet HTML 101Page - Texas Instruments AM3892 Datasheet HTML 102Page - Texas Instruments AM3892 Datasheet HTML 103Page - Texas Instruments AM3892 Datasheet HTML 104Page - Texas Instruments AM3892 Datasheet HTML 105Page - Texas Instruments AM3892 Datasheet HTML 106Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 299 page
background image
AM3894
AM3892
SPRS681A – OCTOBER 2010 – REVISED MARCH 2011
www.ti.com
4
Device Configurations
4.1
Control Module
The device control module includes status and control logic not addressed within the peripherals or the
remainder of the device infrastructure. This module is the primary point of control for the following areas of
the device:
•
Functional I/O multiplexing
•
Device status
•
Static device configuration
•
OCP interface for standard and customer programmable e-Fuse bit shift registers.
The control module primarily implements a bank of registers accessible (read/write) by the software along
with some read-only registers carrying status information. Most register bits are exported as control
signals for other logic blocks on the device. Certain control module registers have default values based
upon the device type as decoded from e-Fuse.
The read/write registers can be divided into the following classes:
•
Static device configuration registers
•
Status and configuration registers
•
Boot registers
Table 4-1 shows the general register groupings and Table 4-2 through Table 4-4 provide register
summaries for each group.
Table 4-1. Control Module Register Map
ADDRESS OFFSET
REGISTER GROUP
SEE
0x0000 - 0x0020
OCP Configuration registers
Table 4-2
0x0024 - 0x003C
Reserved
0x0040 – 0x00FC
Device Boot registers
Table 4-6
0x0300 - 0x03FC
Reserved
0x0400 - 0x05FC
PLL Control registers
Table 4-3
0x0600 - 0x07FC
Device Configuration registers
Table 4-4
0x0800 - 0x0FFC
PAD Control registers
Section 4.4
Table 4-2. OCP Configuration Registers Summary
HEX ADDRESS
ACRONYM
REGISTER NAME
0x4814 0000
CONTROL_REVISION
Control module Revision number
0x4814 0004 - 0x4814 000C
-
Reserved
0x4814 0010
CONTROL_SYSCONFIG
Idle mode parameters
0x4814 0014 - 0x4814 003C
-
Reserved
Table 4-3. PLL Control Registers Summary
HEX ADDRESS
ACRONYM
REGISTER NAME
0x4814 0400
MAINPLL_CTRL
Main PLL base frequency control
0x4814 0404
MAINPLL_PWD
Main PLL clock output powerdown
0x4814 0408
MAINPLL_FREQ1
Main Clock 1 fractional divider
0x4814 040C
MAINPLL_DIV1
Main Clock 1 post divider
0x4814 0410
MAINPLL_FREQ2
Main Clock 2 fractional divider
0x4814 0414
MAINPLL_DIV2
Main Clock 2 post divider
102
Device Configurations
Copyright © 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM3894 AM3892



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com