Electronic Components Datasheet Search
  English  ▼

X  

AM3892 Datasheet(PDF) 103 Page - Texas Instruments

Click here to check the latest version.
Part # AM3892
Description  AM389x Sitara ARM Microprocessors (MPUs)
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3892 Datasheet(HTML) 103 Page - Texas Instruments

Back Button AM3892 Datasheet HTML 99Page - Texas Instruments AM3892 Datasheet HTML 100Page - Texas Instruments AM3892 Datasheet HTML 101Page - Texas Instruments AM3892 Datasheet HTML 102Page - Texas Instruments AM3892 Datasheet HTML 103Page - Texas Instruments AM3892 Datasheet HTML 104Page - Texas Instruments AM3892 Datasheet HTML 105Page - Texas Instruments AM3892 Datasheet HTML 106Page - Texas Instruments AM3892 Datasheet HTML 107Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 299 page
background image
AM3894
AM3892
www.ti.com
SPRS681A – OCTOBER 2010 – REVISED MARCH 2011
Table 4-3. PLL Control Registers Summary (continued)
HEX ADDRESS
ACRONYM
REGISTER NAME
0x4814 0418
MAINPLL_FREQ3
Main Clock 3 fractional divider
0x4814 041C
MAINPLL_DIV3
Main Clock 3 post divider
0x4814 0420
MAINPLL_FREQ4
Main Clock 4 fractional divider
0x4814 0424
MAINPLL_DIV4
Main Clock 4 post divider
0x4814 0428
MAINPLL_FREQ5
Main Clock 5 fractional divider
0x4814 042C
MAINPLL_DIV5
Main Clock 5 post divider
0x4814 0430
-
Reserved
0x4814 0434
MAINPLL_DIV6
Main Clock 6 post divider
0x4814 0438
-
Reserved
0x4814 043C
MAINPLL_DIV7
Main Clock 7 post divider
0x4814 0440
DDRPLL_CTRL
DDR PLL base frequency control
0x4814 0444
DDRPLL_PWD
DDR PLL clock output powerdown
0x4814 0448
-
Reserved
0x4814 044C
DDR_PLL_DIV1
DDR Clock 1 post divider
0x4814 0450
DDRPLL_FREQ2
DDR Clock 2 fractional divider
0x4814 0454
DDR_PLL_DIV2
DDR Clock 2 post divider
0x4814 0458
DDRPLL_FREQ3
DDR Clock 3 fractional divider
0x4814 045C
DDR_PLL_DIV3
DDR Clock 3 post divider
0x4814 0460
DDRPLL_FREQ4
DDR Clock 4 fractional divider
0x4814 0464
DDR_PLL_DIV4
DDR Clock 4 post divider
0x4814 0468
DDRPLL_FREQ5
DDR Clock 5 fractional divider
0x4814 046C
DDR_PLL_DIV5
DDR Clock 5 post divider
0x4814 0470
VIDEOPLL_CTRL
Video PLL base frequency control
0x4814 0474
VIDEOPLL_PWD
Video PLL clock output powerdown
0x4814 0478
VIDEOPLL_FREQ1
Video Clock 1 fractional divider
0x4814 047C
VIDEOPLL_DIV1
Video Clock 1 post divider
0x4814 0480
VIDEOPLL_FREQ2
Video Clock 2 fractional divider
0x4814 0484
VIDEOPLL_DIV2
Video Clock 2 post divider
0x4814 0488
VIDEOPLL_FREQ3
Video Clock 3 fractional divider
0x4814 048C
VIDEOPLL_DIV3
Video Clock 3 post divider
0x4814 0490 - 0x4814 049C
-
Reserved
0x4814 04A0
AUDIOPLL_CTRL
Audio PLL base frequency control
0x4814 04A4
AUDIOPLL_PWD
Audio PLL clock output powerdown
0x4814 04A8
-
Reserved
0x4814 04AC
-
Reserved
0x4814 04B0
AUDIOPLL_FREQ2
Audio Clock 2 fractional divider
0x4814 04B4
AUDIOPLL_DIV2
Audio Clock 2 post divider
0x4814 04B8
AUDIOPLL_FREQ3
Audio Clock 3 fractional divider
0x4814 04BC
AUDIOPLL_DIV3
Audio Clock 3 post divider
0x4814 04C0
AUDIOPLL_FREQ4
Audio Clock 4 fractional divider
0x4814 04C4
AUDIOPLL_DIV4
Audio Clock 4 post divider
0x4814 04C8
AUDIOPLL_FREQ5
Audio Clock 5 fractional divider
0x4814 04CC
AUDIOPLL_DIV5
Audio Clock 5 post divider
0x4814 04D0 - 0x4814 05FC
-
Reserved
Copyright © 2010–2011, Texas Instruments Incorporated
Device Configurations
103
Submit Documentation Feedback
Product Folder Link(s): AM3894 AM3892



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com