| Electronic Components Datasheet Search |
|
AM3892 Datasheet(PDF) 90 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM3892 Datasheet(HTML) 90 Page - Texas Instruments |
|
90 / 299 page ![]() AM3894 AM3892 SPRS681A – OCTOBER 2010 – REVISED MARCH 2011 www.ti.com Table 3-27. Video Output 1 Terminal Functions SIGNAL TYPE(1) OTHER(2) (3) MUXED DESCRIPTION NAME NO. VOUT[0]_R_CR[0]/ PULL: IPD / IPD VOUT[0], VOUT[1]_C[8]/ AJ11 O DRIVE: Z / Z VOUT[1] VOUT[1]_CLK DVDD_3P3 PINCTRL26 Video Output 1 Clock output PULL: IPD / DIS VOUT[1]_CLK/ VIN[1]A AT7 O DRIVE: Z / Z VIN[1]A_CLK PINCTRL46 DVDD_3P3 VOUT[0]_R_CR[9]/ PULL: IPD / DIS VOUT[0] VOUT[0]_B_CB_C[1]/ AU9 O DRIVE: L / L PINCTRL125 VOUT[1]_Y_YC[9] DVDD_3P3 PULL: IPD / IPD VOUT[1]_Y_YC[9]/ VIN[1]A AP6 O DRIVE: Z / Z VIN[1]A_D[7] PINCTRL19 DVDD_3P3 VOUT[0]_R_CR[8]/ PULL: IPD / DIS VOUT[0] VOUT[0]_B_CB_C[0]/ AK10 O DRIVE: L / L PINCTRL124 VOUT[1]_Y_YC[8] DVDD_3P3 PULL: IPD / IPD VOUT[1]_Y_YC[8]/ VIN[1]A Video Output 1 Data. These signals represent the AT6 O DRIVE: Z / Z VIN[1]A_D[6] PINCTRL18 8 bits of Y/YC video data. For Y/C mode they are DVDD_3P3 Y (Luma) data bits and for BT.656 mode they are VOUT[0]_R_CR[7]/ PULL: IPD / DIS multiplexed Y/Cb/Cr (Luma and Chroma) data VOUT[0] VOUT[0]_G_Y_YC[1]/ AL10 O DRIVE: L / L bits. PINCTRL123 VOUT[1]_Y_YC[7] DVDD_3P3 PULL: IPD / IPD VOUT[1]_Y_YC[7]/ VIN[1]A AR6 O DRIVE: Z / Z VIN[1]A_D[5] PINCTRL17 DVDD_3P3 VOUT[0]_R_CR[6]/ PULL: IPD / DIS VOUT[0] VOUT[0]_G_Y_YC[0]/ AU10 O DRIVE: L / L PINCTRL122 VOUT[1]_Y_YC[6] DVDD_3P3 PULL: IPD / IPD VOUT[1]_Y_YC[6]/ VIN[1]A AC13 O DRIVE: Z / Z VIN[1]A_D[4] PINCTRL16 DVDD_3P3 (1) I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal. (2) PULL: A / B, where: A is the state of the internal pull resistor during POR reset B is the state of the internal pull resistor after POR and Warm reset are de-asserted and during Warm reset IPD = Internal Pulldown Enabled, IPU = Internal Pullup Enabled, DIS = Internal Pull Disabled DRIVE: A / B, where; A is the driving state of the pin during POR reset B is the driving state of the pin after POR and Warm reset are de-asserted and during Warm reset H = Driving High, L = Driving Low, Z = 3-State For more detailed information on pullup/pulldown resistors and situations where external pullup/pulldown resistors are required, see Section 4.2.1, Pullup/Pulldown Resistors. (3) Specifies the operating I/O supply voltage for each signal. 90 Device Pins Copyright © 2010–2011, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Link(s): AM3894 AM3892 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |