Electronic Components Datasheet Search
  English  ▼

X  

AM3892 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # AM3892
Description  AM389x Sitara ARM Microprocessors (MPUs)
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3892 Datasheet(HTML) 14 Page - Texas Instruments

Back Button AM3892 Datasheet HTML 10Page - Texas Instruments AM3892 Datasheet HTML 11Page - Texas Instruments AM3892 Datasheet HTML 12Page - Texas Instruments AM3892 Datasheet HTML 13Page - Texas Instruments AM3892 Datasheet HTML 14Page - Texas Instruments AM3892 Datasheet HTML 15Page - Texas Instruments AM3892 Datasheet HTML 16Page - Texas Instruments AM3892 Datasheet HTML 17Page - Texas Instruments AM3892 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 299 page
background image
AM3894
AM3892
SPRS681A – OCTOBER 2010 – REVISED MARCH 2011
www.ti.com
•
Power reset manager (PRM): Handles the power, reset, wake-up management, and system clock
source control (oscillator)
•
Clock manager (CM): Handles the clock generation, distribution, and management.
Table 2-6 lists the physical addresses of the PRM and CM modules. Table 2-7 through Table 2-18 provide
register mapping summaries of the PRM and CM registers.
For more details on the PRCM, see Section 7 of this data sheet, Power, Reset, Clocking and Interrupts,
and the PRCM chapter of the AM38x Sitara ARM Microprocessors (MPUs) Technical Reference Manual
(literature number SPRUGX7).
Table 2-6. PRCM Register Address Summary
ADDRESS OFFSET
MODULE NAME
SIZE
SEE
0x0000
PRM_DEVICE
256 Bytes
Table 2-7
0x0100
CM_DEVICE
256 Bytes
Table 2-8
0x0300
CM_DPLL
256 Bytes
Table 2-10
0x0400
CM_ACTIVE
256 Bytes
Table 2-11
0x0500
CM_DEFAULT
256 Bytes
Table 2-12
0x0900
CM_SGX
256 Bytes
Table 2-13
0x0A00
PRM_ACTIVE
256 Bytes
Table 2-14
0x0B00
PRM_DEFAULT
256 Bytes
Table 2-15
0x0F00
PRM_SGX
256 Bytes
Table 2-16
0x1400
CM_ALWON
1 KBytes
Table 2-17
0x1800
PRM_ALWON
1 KBytes
Table 2-18
Table 2-7. PRM_DEVICE Register Summary
HEX ADDRESS
ACRONYM
REGISTER NAME
0x4818 00A0
PRM_RSTCTRL
Global software cold and warm reset control
0x4818 00A4
PRM_RSTTIME
Reset duration control
0x4818 00A8
PRM_RSTST
Global reset sources log
Table 2-8. CM_DEVICE Register Summary
HEX ADDRESS
ACRONYM
REGISTER NAME
0x4818 0100
CM_CLKOUT_CTRL
SYS_CCCLKOUT output control
Table 2-9. OCP_SOCKET_PRM Register Summary
HEX ADDRESS
ACRONYM
REGISTER NAME
0x4818 0200
REVISION_PRM
PRCM IP revision code
Table 2-10. CM_DPLL Register Summary
HEX ADDRESS
ACRONYM
REGISTER NAME
0x4818 0300
CM_SYSCLK1_CLKSEL
SYSCLK1 clock divider value select
0x4818 0304
CM_SYSCLK2_CLKSEL
SYSCLK2 clock divider value select
0x4818 0308
CM_SYSCLK3_CLKSEL
SYSCLK3 clock divider value select
0x4818 030C
CM_SYSCLK4_CLKSEL
SYSCLK4 clock divider value select
0x4818 0310
CM_SYSCLK5_CLKSEL
SYSCLK5 clock divider value select
0x4818 0314
CM_SYSCLK6_CLKSEL
SYSCLK6 clock divider value select
0x4818 0318
CM_SYSCLK7_CLKSEL
SYSCLK7 clock divider value select
0x4818 0324
CM_SYSCLK10_CLKSEL
SYSCLK10 clock divider value select
0x4818 032C
CM_SYSCLK11_CLKSEL
SYSCLK11 clock divider value select
14
Device Overview
Copyright © 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM3894 AM3892



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com