Electronic Components Datasheet Search
  English  ▼

X  

AM3892 Datasheet(PDF) 87 Page - Texas Instruments

Click here to check the latest version.
Part # AM3892
Description  AM389x Sitara ARM Microprocessors (MPUs)
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3892 Datasheet(HTML) 87 Page - Texas Instruments

Back Button AM3892 Datasheet HTML 83Page - Texas Instruments AM3892 Datasheet HTML 84Page - Texas Instruments AM3892 Datasheet HTML 85Page - Texas Instruments AM3892 Datasheet HTML 86Page - Texas Instruments AM3892 Datasheet HTML 87Page - Texas Instruments AM3892 Datasheet HTML 88Page - Texas Instruments AM3892 Datasheet HTML 89Page - Texas Instruments AM3892 Datasheet HTML 90Page - Texas Instruments AM3892 Datasheet HTML 91Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 299 page
background image
AM3894
AM3892
www.ti.com
SPRS681A – OCTOBER 2010 – REVISED MARCH 2011
3.2.20 Digital Video Output Signals
Table 3-26. Video Output 0 Terminal Functions
SIGNAL
TYPE(1)
OTHER(2) (3)
MUXED
DESCRIPTION
NAME
NO.
PULL: IPD / DIS
-
VOUT[0]_CLK
AT14
O
DRIVE: L / H
Video Output 0 Clock output.
PINCTRL101
DVDD_3P3
PULL: IPD / DIS
-
VOUT[0]_G_Y_YC[9]
AR13
O
DRIVE: L / L
PINCTRL109
DVDD_3P3
PULL: IPD / DIS
-
VOUT[0]_G_Y_YC[8]
AU13
O
DRIVE: L / L
PINCTRL108
DVDD_3P3
PULL: IPD / DIS
-
VOUT[0]_G_Y_YC[7]
AT13
O
DRIVE: L / L
PINCTRL107
DVDD_3P3
Video Output 0 Data. These signals represent the
PULL: IPD / DIS
-
8 MSBs of G/Y/YC video data. For RGB mode
VOUT[0]_G_Y_YC[6]
AE14
O
DRIVE: L / L
PINCTRL106
they are green data bits, for YUV444 mode they
DVDD_3P3
are Y data bits, for Y/C mode they are Y (Luma)
PULL: IPD / DIS
data bits and for BT.656 mode they are
-
VOUT[0]_G_Y_YC[5]
AM14
O
DRIVE: L / L
multiplexed Y/Cb/Cr (Luma and Chroma) data
PINCTRL105
DVDD_3P3
bits.
PULL: IPD / DIS
-
VOUT[0]_G_Y_YC[4]
AL14
O
DRIVE: L / L
PINCTRL104
DVDD_3P3
PULL: IPD / DIS
-
VOUT[0]_G_Y_YC[3]
AP14
O
DRIVE: L / L
PINCTRL103
DVDD_3P3
PULL: IPD / DIS
-
VOUT[0]_G_Y_YC[2]
AE15
O
DRIVE: L / L
PINCTRL102
DVDD_3P3
VOUT[0]_G_Y_YC[1]/
PULL: IPD / IPD
VOUT,[1]
Video Output 0 Data. These signals represent the
VOUT[1]_FLD/
AU8
O
DRIVE: Z / Z
VIN[1]B
2 LSBs of G/Y/YC video data for 10-bit, 20-bit and
VIN[1]B_FLD
DVDD_3P3
PINCTRL30
30-bit video modes (VOUT0 only). For RGB mode
they are green data bits, for YUV444 mode they
are Y data bits, for Y/C mode they are Y (Luma)
VOUT[0]_G_Y_YC[0]/
PULL: IPD / IPD
VOUT[1],
data bits and for BT.656 mode they are
VOUT[1]_VSYNC/
AP9
O
DRIVE: Z / Z
VIN[1]B
multiplexed Y/Cb/Cr (Luma and Chroma) data
VIN[1]B_VSYNC
DVDD_3P3
PINCTRL29
bits. These signals are not used in 8/16/24-bit
modes
(1)
I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal.
(2)
PULL: A / B, where:
A is the state of the internal pull resistor during POR reset
B is the state of the internal pull resistor after POR and Warm reset are de-asserted and during Warm reset
IPD = Internal Pulldown Enabled, IPU = Internal Pullup Enabled, DIS = Internal Pull Disabled
DRIVE: A / B, where;
A is the driving state of the pin during POR reset
B is the driving state of the pin after POR and Warm reset are de-asserted and during Warm reset
H = Driving High, L = Driving Low, Z = 3-State
For more detailed information on pullup/pulldown resistors and situations where external pullup/pulldown resistors are required, see
Section 4.2.1, Pullup/Pulldown Resistors.
(3)
Specifies the operating I/O supply voltage for each signal.
Copyright © 2010–2011, Texas Instruments Incorporated
Device Pins
87
Submit Documentation Feedback
Product Folder Link(s): AM3894 AM3892



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com