| Electronic Components Datasheet Search |
|
AM3892 Datasheet(PDF) 80 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM3892 Datasheet(HTML) 80 Page - Texas Instruments |
|
80 / 299 page ![]() AM3894 AM3892 SPRS681A – OCTOBER 2010 – REVISED MARCH 2011 www.ti.com Table 3-22. UART2 Terminal Functions SIGNAL TYPE(1) OTHER(2) (3) MUXED DESCRIPTION NAME NO. PULL: IPD / IPD UART2 Receive Data Input. Functions as IrDA - UART2_RXD M1 I DRIVE: Z / Z receive input in IrDA modes and CIR receive input in PINCTRL185 DVDD_3P3 CIR mode. PULL: IPD / IPD - UART2 Transmit Data Output. Functions as transmit UART2_TXD L2 O DRIVE: L / H PINCTRL186 output in CIR and IrDA modes. DVDD_3P3 UART2_RTS / PULL: IPU / DIS UART2 Request to Send Output. Indicates module is GPMC_A[15]/ GPMC, GP1 L9 O DRIVE: H / H ready to receive data. Functions as SD output in IrDA GPMC_A[26]/ PINCTRL187 DVDD_3P3 mode. GP1[23] UART2_CTS / PULL: IPU / IPU GPMC_A[16]/ GPMC, GP1 UART2 Clear to Send Input. Has no function in IrDA K7 I/O DRIVE: Z / Z GPMC_A[25]/ PINCTRL188 and CIR modes. DVDD_3P3 GP1[24] (1) I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal. (2) PULL: A / B, where: A is the state of the internal pull resistor during POR reset B is the state of the internal pull resistor after POR and Warm reset are de-asserted and during Warm reset IPD = Internal Pulldown Enabled, IPU = Internal Pullup Enabled, DIS = Internal Pull Disabled DRIVE: A / B, where; A is the driving state of the pin during POR reset B is the driving state of the pin after POR and Warm reset are de-asserted and during Warm reset H = Driving High, L = Driving Low, Z = 3-State For more detailed information on pullup/pulldown resistors and situations where external pullup/pulldown resistors are required, see Section 4.2.1, Pullup/Pulldown Resistors. (3) Specifies the operating I/O supply voltage for each signal. 80 Device Pins Copyright © 2010–2011, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Link(s): AM3894 AM3892 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |