Electronic Components Datasheet Search
  English  ▼

X  

AM3892 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # AM3892
Description  AM389x Sitara ARM Microprocessors (MPUs)
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3892 Datasheet(HTML) 12 Page - Texas Instruments

Back Button AM3892 Datasheet HTML 8Page - Texas Instruments AM3892 Datasheet HTML 9Page - Texas Instruments AM3892 Datasheet HTML 10Page - Texas Instruments AM3892 Datasheet HTML 11Page - Texas Instruments AM3892 Datasheet HTML 12Page - Texas Instruments AM3892 Datasheet HTML 13Page - Texas Instruments AM3892 Datasheet HTML 14Page - Texas Instruments AM3892 Datasheet HTML 15Page - Texas Instruments AM3892 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 299 page
background image
Mailbox
Mailbox
Mailbox
Mailbox
Mailbox
Mailbox
Mailbox
Mailbox
Mailbox
Mailbox
Mailbox
Mailbox
L4
Interconnect
Interrupt
Interrupt
Interrupt
Mailbox Module
ARM Cortex-A8
Media Controller
AM3894
AM3892
SPRS681A – OCTOBER 2010 – REVISED MARCH 2011
www.ti.com
2.4
Media Controller
The Media Controller has the responsibility of managing the HDVPSS module.
2.5
Inter-Processor Communication
This device is a multi-core device that requires software to efficiently manage and communicate between
the cores. The following are the main features that need to be implemented by such software:
1. Device management of the slave processors from the host processor.
2. Inter-processor communication between the cores for transfer and exchange of information between
them.
For implementing efficient inter-processor communication between the multiple cores on the device, the
following hardware features are provided:
•
Mailbox interrupts
•
Hardware spinlocks
Mailboxes provide a mechanism for one processor to write a value to a register and send an interrupt to
another processor. Spinlocks facilitate access to shared resources in the system.
2.5.1
Mailbox Module
The device Mailbox module facilitates communication between the ARM Cortex-A8 and the Media
Controller. It consists of twelve mailboxes, each supporting communication between two of the above
processors. The sender sends information to the receiver by writing a message to the mailbox registers.
Interrupt signaling is used to notify the receiver that a message has been queued or to notify the sender
about an overflow situation.
The Mailbox module supports the following features (see Figure 2-2):
•
12 mailboxes
•
Four-message FIFO depth for each message queue
•
32-bit message width
•
Message reception and queue-not-full notification using interrupts
•
Three interrupts (one to ARM Cortex-A8, two to Media Controller).
Figure 2-2. Mailbox Module Block Diagram
12
Device Overview
Copyright © 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM3894 AM3892



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com