Electronic Components Datasheet Search
  English  ▼

X  

AM3892 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # AM3892
Description  AM389x Sitara ARM Microprocessors (MPUs)
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3892 Datasheet(HTML) 23 Page - Texas Instruments

Back Button AM3892 Datasheet HTML 19Page - Texas Instruments AM3892 Datasheet HTML 20Page - Texas Instruments AM3892 Datasheet HTML 21Page - Texas Instruments AM3892 Datasheet HTML 22Page - Texas Instruments AM3892 Datasheet HTML 23Page - Texas Instruments AM3892 Datasheet HTML 24Page - Texas Instruments AM3892 Datasheet HTML 25Page - Texas Instruments AM3892 Datasheet HTML 26Page - Texas Instruments AM3892 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 299 page
background image
AM3894
AM3892
www.ti.com
SPRS681A – OCTOBER 2010 – REVISED MARCH 2011
Table 2-20. L4 Standard Peripheral Memory Map (continued)
START ADDRESS
DEVICE NAME
END ADDRESS (HEX)
SIZE
DESCRIPTION
(HEX)
Reserved
0x4818 E000
0x4818 EFFF
4KB
Reserved
0x4818 F000
0x4818 FFFF
4KB
Reserved
Reserved
0x4819 0000
0x4819 0FFF
4KB
Reserved
0x4819 1000
0x4819 1FFF
4KB
Reserved
Reserved
0x4819 2000
0x4819 2FFF
4KB
Reserved
0x4819 3000
0x4819 3FFF
4KB
Reserved
Reserved
0x4819 4000
0x4819 4FFF
4KB
Reserved
0x4819 5000
0x4819 5FFF
4KB
Reserved
Reserved
0x4819 6000
0x4819 6FFF
4KB
Reserved
0x4819 7000
0x4819 7FFF
4KB
Reserved
DDR0 Phy Ctrl Regs
0x4819 8000
0x4819 8FFF
4KB
Peripheral Registers
0x4819 9000
0x4819 9FFF
4KB
Support Registers
DDR1 Phy Ctrl Regs
0x4819 A000
0x4819 AFFF
4KB
Peripheral Registers
0x4819 B000
0x4819 BFFF
4KB
Support Registers
Reserved
0x4819 C000
0x481F FFFF
400KB
Reserved
Interrupt controller(1)
0x4820 0000
0x4820 0FFF
4KB
Cortex™-A8 Accessible Only
Reserved(1)
0x4820 1000
0x4823 FFFF
252KB
Cortex™-A8 Accessible Only
MPUSS config
0x4824 0000
0x4824 0FFF
4KB
Cortex™-A8 Accessible Only
register(1)
Reserved(1)
0x4824 1000
0x4827 FFFF
252KB
Cortex™-A8 Accessible Only
Reserved(1)
0x4828 1000
0x482F FFFF
508KB
Cortex™-A8 Accessible Only
Reserved
0x4830 0000
0x48FF FFFF
13MB
Reserved
(1)
These regions (highlighted in yellow) are decoded internally by the Cortex™-A8 Subsystem and are not physically part of the L4
standard. They are included here only for reference when considering the Cortex™-A8 memory map. For masters other than the
Cortex™-A8, these regions are reserved.
Copyright © 2010–2011, Texas Instruments Incorporated
Device Overview
23
Submit Documentation Feedback
Product Folder Link(s): AM3894 AM3892



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com