| Electronic Components Datasheet Search |
|
AM3892 Datasheet(PDF) 76 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM3892 Datasheet(HTML) 76 Page - Texas Instruments |
|
76 / 299 page ![]() AM3894 AM3892 SPRS681A – OCTOBER 2010 – REVISED MARCH 2011 www.ti.com 3.2.15 Serial Peripheral Digital Interconnect Format (SPI) Signals Table 3-18. SPI Terminal Functions SIGNAL TYPE(1) OTHER(2) (3) MUXED DESCRIPTION NAME NO. PULL: IPD / IPD - SPI_SCLK R2 I/O DRIVE: Z / Z SPI Clock I/O PINCTRL166 DVDD_3P3 SPI_SCS[3] / PULL: DIS / IPU GPMC, GP1 GPMC_A[21]/ P1 I/O DRIVE: Z / Z PINCTRL170 GP1[22] DVDD_3P3 PULL: DIS / IPU SPI_SCS[2] / GPMC P3 I/O DRIVE: Z / Z GPMC_A[22] PINCTRL169 DVDD_3P3 SPI Chip Select I/O PULL: DIS / IPU SPI_SCS[1] / GPMC P2 I/O DRIVE: Z / Z GPMC_A[23] PINCTRL168 DVDD_3P3 PULL: DIS / IPU - SPI_SCS[0] R1 I/O DRIVE: Z / Z PINCTRL167 DVDD_3P3 PULL: IPD / IPD - SPI_D[1] P13 I/O DRIVE: Z / Z PINCTRL172 DVDD_3P3 SPI Data I/O. Can be configured as either MISO or MOSI PULL: IPD / IPD - SPI_D[0] N11 I/O DRIVE: Z / Z PINCTRL171 DVDD_3P3 (1) I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal. (2) PULL: A / B, where: A is the state of the internal pull resistor during POR reset B is the state of the internal pull resistor after POR and Warm reset are de-asserted and during Warm reset IPD = Internal Pulldown Enabled, IPU = Internal Pullup Enabled, DIS = Internal Pull Disabled DRIVE: A / B, where; A is the driving state of the pin during POR reset B is the driving state of the pin after POR and Warm reset are de-asserted and during Warm reset H = Driving High, L = Driving Low, Z = 3-State For more detailed information on pullup/pulldown resistors and situations where external pullup/pulldown resistors are required, see Section 4.2.1, Pullup/Pulldown Resistors. (3) Specifies the operating I/O supply voltage for each signal. 76 Device Pins Copyright © 2010–2011, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Link(s): AM3894 AM3892 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |