Electronic Components Datasheet Search
  English  ▼

X  

AM3892 Datasheet(PDF) 82 Page - Texas Instruments

Click here to check the latest version.
Part # AM3892
Description  AM389x Sitara ARM Microprocessors (MPUs)
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3892 Datasheet(HTML) 82 Page - Texas Instruments

Back Button AM3892 Datasheet HTML 78Page - Texas Instruments AM3892 Datasheet HTML 79Page - Texas Instruments AM3892 Datasheet HTML 80Page - Texas Instruments AM3892 Datasheet HTML 81Page - Texas Instruments AM3892 Datasheet HTML 82Page - Texas Instruments AM3892 Datasheet HTML 83Page - Texas Instruments AM3892 Datasheet HTML 84Page - Texas Instruments AM3892 Datasheet HTML 85Page - Texas Instruments AM3892 Datasheet HTML 86Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 299 page
background image
AM3894
AM3892
SPRS681A – OCTOBER 2010 – REVISED MARCH 2011
www.ti.com
3.2.19 Video Input Signals
Table 3-24. Video Input 0 Terminal Functions
SIGNAL
TYPE(1)
OTHER(2) (3)
MUXED
DESCRIPTION
NAME
NO.
PULL: IPD / IPD
-
Video Input 0 Port A Clock input. Input clock for 8-bit,
VIN[0]A_CLK
AR14
I
DRIVE: Z / Z
PINCTRL83
16-bit, or 24-bit Port A video capture.
DVDD_3P3
PULL: IPD / IPD
Video Input 0 Port B Clock input. Input clock for 8-bit
-
VIN[0]B_CLK
AR19
I
DRIVE: Z / Z
Port B video capture. This signal is not used in 16-bit
PINCTRL84
DVDD_3P3
and 24-bit capture modes.
PULL: IPD / IPD
VIN[0]A_D[23]/
VIN[0]B
AT2
I
DRIVE: Z / Z
VIN[0]B_HSYNC
PINCTRL15
DVDD_3P3
PULL: IPD / IPD
VIN[0]A_D[22]/
VIN[0]B
AR2
I
DRIVE: Z / Z
VIN[0]B_VSYNC
PINCTRL14
DVDD_3P3
PULL: IPD / IPD
VIN[0]A_D[21]/
VIN[0]B
AU4
I
DRIVE: Z / Z
VIN[0]B_FLD
PINCTRL13
DVDD_3P3
PULL: IPD / IPD
Video Input 0 Port A Data inputs. For 16-bit capture,
VIN[0]A_D[20]/
VIN[0]B
AN3
I
DRIVE: Z / Z
D[7:0] are Cb/Cr and [15:8] are Y Port A inputs. For
VIN[0]B_DE
PINCTRL12
DVDD_3P3
8-bit capture, D[7:0] are Port A YCbCr data inputs
and D[15:8] are Port B YCbCr data inputs. For RGB
VIN[0]A_D[19]/
PULL: IPD / IPD
VIN[1]A,
capture, D[23:16] are R, D[15:8] are G, and D[7:0] are
VIN[1]A_DE[0]/
AK4
I
DRIVE: Z / Z
VOUT[1]
B data inputs.
VOUT[1]_C[9]
DVDD_3P3
PINCTRL25
VIN[0]A_D[18]/
PULL: IPD / IPD
VIN[1]A,
VIN[1]A_FLD/
AK5
I
DRIVE: Z / Z
VOUT[1]
VOUT[1]_C[8]
DVDD_3P3
PINCTRL24
VIN[0]A_D[17]/
PULL: IPD / IPD
VIN[1]A,
VIN[1]A_VSYNC/
AL5
I
DRIVE: Z / Z
VOUT[1]
VOUT[1]_VSYNC
DVDD_3P3
PINCTRL23
VIN[0]A_D[16]/
PULL: IPD / IPD
VIN[1]A,
VIN[1]A_HSYNC/
AT5
I
DRIVE: Z / Z
VOUT[1]
VOUT[1]_FLD
DVDD_3P3
PINCTRL22
(1)
I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal.
(2)
PULL: A / B, where:
A is the state of the internal pull resistor during POR reset
B is the state of the internal pull resistor after POR and Warm reset are de-asserted and during Warm reset
IPD = Internal Pulldown Enabled, IPU = Internal Pullup Enabled, DIS = Internal Pull Disabled
DRIVE: A / B, where;
A is the driving state of the pin during POR reset
B is the driving state of the pin after POR and Warm reset are de-asserted and during Warm reset
H = Driving High, L = Driving Low, Z = 3-State
For more detailed information on pullup/pulldown resistors and situations where external pullup/pulldown resistors are required, see
Section 4.2.1, Pullup/Pulldown Resistors.
(3)
Specifies the operating I/O supply voltage for each signal.
82
Device Pins
Copyright © 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM3894 AM3892



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com