Electronic Components Datasheet Search
  English  ▼

X  

AM3892 Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # AM3892
Description  AM389x Sitara ARM Microprocessors (MPUs)
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3892 Datasheet(HTML) 25 Page - Texas Instruments

Back Button AM3892 Datasheet HTML 21Page - Texas Instruments AM3892 Datasheet HTML 22Page - Texas Instruments AM3892 Datasheet HTML 23Page - Texas Instruments AM3892 Datasheet HTML 24Page - Texas Instruments AM3892 Datasheet HTML 25Page - Texas Instruments AM3892 Datasheet HTML 26Page - Texas Instruments AM3892 Datasheet HTML 27Page - Texas Instruments AM3892 Datasheet HTML 28Page - Texas Instruments AM3892 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 299 page
background image
AM3894
AM3892
www.ti.com
SPRS681A – OCTOBER 2010 – REVISED MARCH 2011
2.8.3
TILER Extended Addressing Map
The Tiling and Isometric Lightweight Engines for Rotation (TILER) ports are mainly used for optimized 2-D
block accesses. The TILER also supports rotation of the image buffer at 0º, 90º, 180º, and 270º, with
vertical and horizontal mirroring.
The TILER includes an additional 4-GB addressing range to access the frame buffer in these rotated and
mirrored views. This range requires a thirty-third bit of address and is only accessible to peripherals that
require access to the multiple views. On the device, this is limited to the HD Video Processing Subsystem
(HDVPSS). (Other peripherals, based on ConnID, may access any one single view through the 512-MB
TILER window region located in the base 4-GB range.)
The HDVPSS may use the virtual address space of 4GB (0x1:0000:0000 – 0x1:FFFF:FFFF) since various
VPDMA clients of the HDVPSS may need to simultaneously access multiple 2-D images with different
orientations of the image buffers.
The top 4-GB address space is divided into eight sections of 512MB each. These eight sections
correspond to the eight different orientations as shown in Table 2-22.
Table 2-22. TILER Extended Address Memory Map
START ADDRESS
BLOCK NAME
END ADDRESS (HEX)
SIZE
DESCRIPTION
(HEX)
Tiler View 0
0x1 0000 0000
0x1 1FFF FFFF
512MB
Natural 0° View
Tiler View 1
0x1 2000 0000
0x1 3FFF FFFF
512MB
0° with Vertical Mirror View
Tiler View 2
0x1 4000 0000
0x1 5FFF FFFF
512MB
0° with Horizontal Mirror View
Tiler View 3
0x1 6000 0000
0x1 7FFF FFFF
512MB
180° View
Tiler View 4
0x1 8000 0000
0x1 9FFF FFFF
512MB
90° with Vertical Mirror View
Tiler View 5
0x1 A000 0000
0x1 BFFF FFFF
512MB
270° View
Tiler View 6
0x1 C000 0000
0x1 DFFF FFFF
512MB
90° View
Tiler View 7
0x1 E000 0000
0x1 FFFF FFFF
512MB
90° with Horizontal Mirror View
Copyright © 2010–2011, Texas Instruments Incorporated
Device Overview
25
Submit Documentation Feedback
Product Folder Link(s): AM3894 AM3892



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com