Electronic Components Datasheet Search
  English  ▼

X  

AM3892 Datasheet(PDF) 107 Page - Texas Instruments

Click here to check the latest version.
Part # AM3892
Description  AM389x Sitara ARM Microprocessors (MPUs)
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3892 Datasheet(HTML) 107 Page - Texas Instruments

Back Button AM3892 Datasheet HTML 103Page - Texas Instruments AM3892 Datasheet HTML 104Page - Texas Instruments AM3892 Datasheet HTML 105Page - Texas Instruments AM3892 Datasheet HTML 106Page - Texas Instruments AM3892 Datasheet HTML 107Page - Texas Instruments AM3892 Datasheet HTML 108Page - Texas Instruments AM3892 Datasheet HTML 109Page - Texas Instruments AM3892 Datasheet HTML 110Page - Texas Instruments AM3892 Datasheet HTML 111Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 299 page
background image
AM3894
AM3892
www.ti.com
SPRS681A – OCTOBER 2010 – REVISED MARCH 2011
Table 4-5. Boot Mode Order
BTMODE[4] = 1
BTMODE[4] = 0
MEMORY BOOTING PREFERRED
PERIPHERAL BOOTING PREFERRED
BTMODE[3:0]
FIRST
SECOND
THIRD
FOURTH
FIRST
SECOND
THIRD
FOURTH
XIP(1)
UART
EMAC
SD
RESERVED
RESERVED
RESERVED
RESERVED
0000
XIPWAIT(1)
UART
EMAC
SD
UART
XIPWAIT(1)
SD
SPI
0001
NAND
NANDI2C
SPI
UART
UART
SPI
NAND
NANDI2C
0010
NAND
NANDI2C
SD
UART
UART
SPI
XIP(1)
SD
0011
NAND
NANDI2C
SPI
EMAC
EMAC
SPI
NAND
NANDI2C
0100
NANDI2C
SD
EMAC
UART
RESERVED
RESERVED
RESERVED
RESERVED
0101
SPI
SD
UART
EMAC
RESERVED
RESERVED
RESERVED
RESERVED
0110
SD
SPI
UART
EMAC
EMAC
SD
SPI
XIP(1)
0111
SPI
SD
PCIE_32
RESERVED
PCIE_32
RESERVED
RESERVED
RESERVED
1000
SPI
SD
PCIE_64
RESERVED
PCIE_64
RESERVED
RESERVED
RESERVED
1001
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
1010
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
1011
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
1100
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
1101
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
1110
GP Fast
EMAC
UART
PCIE_32
GP Fast
UART
EMAC
PCIE_64
1111
External Boot
External Boot
(1)
GPMC CS0 eXecute In Place (XIP) and eXecute In Place with Wait Monitoring (XIPWAIT) boot for NOR/OneNAND/ROM. For details,
see the AM38x Sitara ARM Microprocessors (MPUs) Technical Reference Manual (literature number SPRUGX7).
4.3.1
Boot Mode Registers
For details on the boot mode registers, see the AM38x Sitara ARM Microprocessors (MPUs) Technical
Reference Manual (literature number SPRUGX7).
Table 4-6. Device Boot Registers Summary
HEX ADDRESS
ACRONYM
REGISTER NAME
0x4814 0040
CONTROL_STATUS
Device Status
0x4814 0044
BOOTSTAT
Device Boot Status
0x4814 0048 - 0x4814 007C
-
Reserved
4.4
Pin Multiplexing Control
Device-level pin multiplexing is controlled on a pin-by-pin basis by the MUXMODE bits of the PINCTRL1 -
PINCTRL321 registers in the SYSCFG module. The default state for each multiplexed pin is MUXMODE =
0x000.
Pin multiplexing selects which of several peripheral pin functions control the pin's IO buffer output data
values.
The input from each pin is routed to all of the peripherals that share the pin, regardless of the MUXMODE
setting. For details, see the table below and the MUXED column in the each of the Terminal Functions
tables in Section 3.2.
4.4.1
PINCTRLx Register Descriptions
Table 4-7. PINCTRLx Register Definition
Bit
Field
Value
Description
31:5
Reserved
Reserved; Read returns 0
Copyright © 2010–2011, Texas Instruments Incorporated
Device Configurations
107
Submit Documentation Feedback
Product Folder Link(s): AM3894 AM3892



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com