Electronic Components Datasheet Search
  English  ▼

X  

AM3892 Datasheet(PDF) 104 Page - Texas Instruments

Click here to check the latest version.
Part # AM3892
Description  AM389x Sitara ARM Microprocessors (MPUs)
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3892 Datasheet(HTML) 104 Page - Texas Instruments

Back Button AM3892 Datasheet HTML 100Page - Texas Instruments AM3892 Datasheet HTML 101Page - Texas Instruments AM3892 Datasheet HTML 102Page - Texas Instruments AM3892 Datasheet HTML 103Page - Texas Instruments AM3892 Datasheet HTML 104Page - Texas Instruments AM3892 Datasheet HTML 105Page - Texas Instruments AM3892 Datasheet HTML 106Page - Texas Instruments AM3892 Datasheet HTML 107Page - Texas Instruments AM3892 Datasheet HTML 108Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 299 page
background image
AM3894
AM3892
SPRS681A – OCTOBER 2010 – REVISED MARCH 2011
www.ti.com
Table 4-4. Device Configuration Registers Summary
HEX ADDRESS
ACRONYM
REGISTER NAME
0x4814 0600
DEVICE_ID
Device Identification
0x4814 0604
-
Reserved
0x4814 0608
INIT_PRESSURE_0
L3 Initiator Pressure
0x4814 060C
INIT_PRESSURE_1
L3 Initiator Pressure
0x4814 0614
TPTC_CFG
Transfer Controller Configuration
0x4814 0618
DDR_CTRL
DDR Interface Control
0x4814 061C
-
Reserved
0x4814 0620
USB_CTRL
USB Control
0x4814 0624
USBPHY_CTRL0
USB0 Phy Control
0x4814 0628
-
Reserved
0x4814 062C
USBPHY_CTRL1
USB1 Phy Control
0x4814 0630
MAC_ID0_LO
Ethernet MAC Address 0
0x4814 0634
MAC_ID0_HI
Ethernet MAC Address 0
0x4814 0638
MAC_ID1_LO
Ethernet MAC Address 1
0x4814 063C
MAC_ID1_HI
Ethernet MAC Address 1
0x4814 0640
PCIE_CFG
PCIe Module Configuration
0x4814 0644
-
Reserved
0x4814 0648
CLK_CTRL
Input Oscillator Control
0x4814 064C
AUDIO_CTRL
Audio Control
0x4814 0650
-
Reserved
0x4814 0654
OCMEM_SLEEP
On-Chip Memory Sleep Mode Configuration
0x4814 0658 - 0x4814 065C
-
Reserved
0x4814 0660
HD_DAC_CTRL
HD DAC Control
0x4814 0664
HD_DACA_CAL
HD DAC A Calibration
0x4814 0668
HD_DACB_CAL
HD DAC B Calibration
0x4814 066C
HD_DACC_CAL
HD DAC C Calibration
0x4814 0670
SD_DAC_CTRL
SD DAC Control
0x4814 0674
SD_DACA_CAL
SD DAC A Calibration
0x4814 0678
SD_DACB_CAL
SD DAC B Calibration
0x4814 067C
SD_DACC_CAL
SD DAC C Calibration
0x4814 0680
SD_DACD_CAL
SD DAC D Calibration
0x4814 068C
BANDGAP_CTRL
DAC Band-gap Control
0x4814 0690
HW_EVT_SEL_GRP1
System Trace Hardware Event Select Group 1
0x4814 0694
HW_EVT_SEL_GRP2
System Trace Hardware Event Select Group 2
0x4814 0698
HW_EVT_SEL_GRP3
System Trace Hardware Event Select Group 3
0x4814 069C
HW_EVT_SEL_GRP4
System Trace Hardware Event Select Group 4
0x4814 06A0 - 0x4814 06F4
-
Reserved
0x4814 06F8
HDMI_OBSCLK_CTRL
HDMI Observe Clock Control
0x4814 06FC
SERDES_CTRL
Serdes Control
0x4814 0700
UCB_CLK_CTL
USB Clock Control
0x4814 0704
PLL_OBSCLK_CTRL
PLL Observe Clock Control
0x4814 0708
-
Reserved
0x4814 070C
DDR_RCD
RCD Power Enable/Disable
0x4814 0710 - 0x4814 07FC
-
Reserved
104
Device Configurations
Copyright © 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM3894 AM3892



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com