Electronic Components Datasheet Search
  English  ▼

X  

AM3892 Datasheet(PDF) 106 Page - Texas Instruments

Click here to check the latest version.
Part # AM3892
Description  AM389x Sitara ARM Microprocessors (MPUs)
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3892 Datasheet(HTML) 106 Page - Texas Instruments

Back Button AM3892 Datasheet HTML 102Page - Texas Instruments AM3892 Datasheet HTML 103Page - Texas Instruments AM3892 Datasheet HTML 104Page - Texas Instruments AM3892 Datasheet HTML 105Page - Texas Instruments AM3892 Datasheet HTML 106Page - Texas Instruments AM3892 Datasheet HTML 107Page - Texas Instruments AM3892 Datasheet HTML 108Page - Texas Instruments AM3892 Datasheet HTML 109Page - Texas Instruments AM3892 Datasheet HTML 110Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 299 page
background image
AM3894
AM3892
SPRS681A – OCTOBER 2010 – REVISED MARCH 2011
www.ti.com
For the internal pullup/pulldown resistors for all device pins, see the peripheral/system-specific terminal
functions tables in Section 3.2.
4.3
Boot Sequence
The boot sequence is a process by which the device's memory is loaded with program and data sections,
and by which some of the device's internal registers are programmed with predetermined values. The boot
sequence is started automatically after each device-level global reset. For more details on device-level
global resets, see Section 7.2. There are several methods by which the memory and register initialization
can take place. Each of these methods is referred to as a boot mode. The boot mode to be used is
selected at reset. The device is booted through multiple means—primary bootloaders within internal ROM
or EMIF4, and secondary user bootloaders from peripherals or external memories. The maximum size of
the boot image is 255KB (ROM uses 1KB internally). Boot modes, pin configurations, and register
configurations required for booting the device, are described in the following subsections.
The following boot modes are supported:
•
NOR Flash boot (muxed and non-muxed, 8-bit or 16-bit)
•
NAND Flash boot (SLC and MLC with BCH ECC, 8-bit or 16-bit)
•
SPI boot (EEPROM or Flash, SPI mode 3, 24-bit)
•
SD boot (SD cards)
•
EMAC boot (TFTP client)
•
UART boot (X-modem client)
•
PCIe boot (client mode, PCIe 32 and PCIe 64).
The state of the device after boot is determined by sampling the input states of the BTMODE[4:0] pins
when device reset (POR or RESET) is deasserted. The sampled values are latched into the
CONTROL_STATUS register, which is part of the system configuration (SYSCFG) module.
The BTMODE [4:0] values determine the boot mode order according to Table 4-5. The first boot mode
listed for each BTMODE[4:0] configuration is executed as the primary boot mode. If the primary boot
mode fails, the second, third, and fourth boot modes are executed, in that order, until a successful boot is
completed.
Additional boot configuration pins determine the following system boot settings as shown in Table 3-1:
•
GPMC CS0 Default Bus Width
•
GPMC Wait Enable
•
GPMC Address/Data Multiplexing.
The GPMC CS0 default operation is determined by the CS0BW, CS0WAIT, and CS0MUX[1:0] inputs.
For more detailed information on booting the device, see the AM38x Sitara ARM Microprocessors (MPUs)
Technical Reference Manual (literature number SPRUGX7).
106
Device Configurations
Copyright © 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM3894 AM3892



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com