Electronic Components Datasheet Search
  English  ▼

X  

TDA8296 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA8296
Description  Digital global standard low IF demodulator for analog TV and FM radio
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA8296 Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA8296 Datasheet HTML 1Page - NXP Semiconductors TDA8296 Datasheet HTML 2Page - NXP Semiconductors TDA8296 Datasheet HTML 3Page - NXP Semiconductors TDA8296 Datasheet HTML 4Page - NXP Semiconductors TDA8296 Datasheet HTML 5Page - NXP Semiconductors TDA8296 Datasheet HTML 6Page - NXP Semiconductors TDA8296 Datasheet HTML 7Page - NXP Semiconductors TDA8296 Datasheet HTML 8Page - NXP Semiconductors TDA8296 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 87 page
background image
TDA8296
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 3 March 2011
2 of 87
NXP Semiconductors
TDA8296
Digital global standard low IF demodulator for analog TV and FM radio
Gated IF AGC acting on black level by using H/V PLL or peak IF AGC (I2C-bus
selectable)
Internal digital logarithmic IF AGC amplifier with up to 48 dB gain and 68 dB control
range
Peak search tuner IF AGC for optimal adaptive drive of the IF ADC
Switchable IF PLL and IF AGC loop bandwidths
Precise AFC and lock detector
Accurate group delay equalization for all standards
Very robust IF demodulator coping with adverse field conditions
Wide PLL pull-in range up to
±1660 kHz (I2C-bus selectable)
CVBS and SSIF or audio output with simple postfilter (capacitor only)
CVBS gain levelling stage to provide nearly constant signal amplitude during over
modulation
Video equalizer with eight settings
Nyquist filter in video baseband
Excellent video S/N (typically 60 dB weighted)
High selectivity video low-pass filter for all standards
Low video into sound crosstalk
SSIF AGC
Sound performance comparable to QSS single reference concepts
AM/FM mono sound demodulator
Switchable de-emphasis
Excellent FM sound
Good AM sound
High FM Deviation mode for China
Preprocessing of FM radio (mono and stereo) with highly selective digital band-pass
filter
No ceramic filter or external components needed for FM radio
FM radio available in mono
Automatic or forced mute for mono sound
Automatic or forced blank for video
Mostly digital FIR filter implementation (NSC notches and video low-pass filters)
Three GPIO pins
Power-On Reset (POR) block for reliable power-up behavior
Very low total power dissipation (typically 150 mW)
No power sequence requirement
Standby mode (typically 5 mW)
40-pin HVQFN package
CMOS technology (0.090
μm 1.2 V and 3.3 V)
3.
Applications
TV applications
Recording
PC TV applications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com