Electronic Components Datasheet Search
  English  ▼

X  

TDA8296 Datasheet(PDF) 86 Page - NXP Semiconductors

Part # TDA8296
Description  Digital global standard low IF demodulator for analog TV and FM radio
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA8296 Datasheet(HTML) 86 Page - NXP Semiconductors

Back Button TDA8296 Datasheet HTML 79Page - NXP Semiconductors TDA8296 Datasheet HTML 80Page - NXP Semiconductors TDA8296 Datasheet HTML 81Page - NXP Semiconductors TDA8296 Datasheet HTML 82Page - NXP Semiconductors TDA8296 Datasheet HTML 83Page - NXP Semiconductors TDA8296 Datasheet HTML 84Page - NXP Semiconductors TDA8296 Datasheet HTML 85Page - NXP Semiconductors TDA8296 Datasheet HTML 86Page - NXP Semiconductors TDA8296 Datasheet HTML 87Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 86 / 87 page
background image
TDA8296
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 3 March 2011
86 of 87
NXP Semiconductors
TDA8296
Digital global standard low IF demodulator for analog TV and FM radio
22. Figures
Fig 1.
Functional diagram of TDA8296 . . . . . . . . . . . . . .6
Fig 2.
Pin configuration for HVQFN40 . . . . . . . . . . . . . . .7
Fig 3.
I2C-bus Write mode . . . . . . . . . . . . . . . . . . . . . . .13
Fig 4.
Examples I2C-bus Write mode. . . . . . . . . . . . . . .13
Fig 5.
I2C-bus Read mode . . . . . . . . . . . . . . . . . . . . . . .14
Fig 6.
Example I2C-bus Read mode . . . . . . . . . . . . . . .14
Fig 7.
TDA8296 DTO_PC characteristic . . . . . . . . . . . .27
Fig 8.
TDA8296 DTO_SC characteristic . . . . . . . . . . . .28
Fig 9.
Video low-pass filters for sound carrier
suppression . . . . . . . . . . . . . . . . . . . . . . . . . . . . .29
Fig 10. Notch filter for adjacent sound carrier
suppression . . . . . . . . . . . . . . . . . . . . . . . . . . . . .29
Fig 11. Video low pass frequency response in
smooth roll off or low ripple mode . . . . . . . . . . . .30
Fig 12. SSIF and FM radio band-pass filters
(center frequency 5.5 MHz chosen). . . . . . . . . . .31
Fig 13. Video equalizer curves. . . . . . . . . . . . . . . . . . . . .36
Fig 14. TDA8296 SSIF characteristic versus CS
(refer to Figure 23) typical values; termination
75
Ω and 1 kΩ in parallel . . . . . . . . . . . . . . . . . . .40
Fig 15. TDA8296 AFC characteristic . . . . . . . . . . . . . . . .42
Fig 16. Internal low IF frequency response in front
of the VIF demodulator . . . . . . . . . . . . . . . . . . . .45
Fig 17. Example for the programmable group delay
equalizer . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .50
Fig 18. Example for the programmable video
equalizer . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .52
Fig 19. Typical application of TDA8296 . . . . . . . . . . . . . .64
Fig 20. IF input application for interlacing TDA1827x . . .64
Fig 21. IF input application. . . . . . . . . . . . . . . . . . . . . . . .64
Fig 22. Main application diagram . . . . . . . . . . . . . . . . . . .65
Fig 23. 75
Ω load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .66
Fig 24. High ohmic load . . . . . . . . . . . . . . . . . . . . . . . . . .66
Fig 25. Buffer application with 75
Ω load . . . . . . . . . . . . .67
Fig 26. PCB pattern using circuit diagrams
of Figure 20, Figure 22, Figure 23 and 16 MHz
reference from XTAL . . . . . . . . . . . . . . . . . . . . . .67
Fig 27. PCB pattern using circuit diagrams
of Figure 20, Figure 22, Figure 23
and 16 MHz reference from master . . . . . . . . . . .68
Fig 28. TDA8296 calculated DAC characteristic . . . . . . .69
Fig 29. Internal CVBS signal in front of video DAC
(typical characteristic) . . . . . . . . . . . . . . . . . . . . .70
Fig 30. Internal SSIF signal in front of sound DAC
(typical characteristic, also dependent on
SSIF_LVL[7:0] at address 23h) . . . . . . . . . . . . . .70
Fig 31. Hardware reset operation . . . . . . . . . . . . . . . . . .71
Fig 32. Reference clock application . . . . . . . . . . . . . . . . .72
Fig 33. Oscillator application . . . . . . . . . . . . . . . . . . . . . .72
Fig 34. Boundary scan block diagram . . . . . . . . . . . . . . .75
Fig 35. Boundary scan timing diagram . . . . . . . . . . . . . .76
Fig 36. Package outline SOT618-1 (HVQFN40) . . . . . . .77
Fig 37. Temperature profiles for large and small
components . . . . . . . . . . . . . . . . . . . . . . . . . . . . .80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com