Electronic Components Datasheet Search
  English  ▼

X  

TDA8296 Datasheet(PDF) 48 Page - NXP Semiconductors

Part # TDA8296
Description  Digital global standard low IF demodulator for analog TV and FM radio
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA8296 Datasheet(HTML) 48 Page - NXP Semiconductors

Back Button TDA8296 Datasheet HTML 44Page - NXP Semiconductors TDA8296 Datasheet HTML 45Page - NXP Semiconductors TDA8296 Datasheet HTML 46Page - NXP Semiconductors TDA8296 Datasheet HTML 47Page - NXP Semiconductors TDA8296 Datasheet HTML 48Page - NXP Semiconductors TDA8296 Datasheet HTML 49Page - NXP Semiconductors TDA8296 Datasheet HTML 50Page - NXP Semiconductors TDA8296 Datasheet HTML 51Page - NXP Semiconductors TDA8296 Datasheet HTML 52Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 87 page
background image
TDA8296
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 3 March 2011
48 of 87
NXP Semiconductors
TDA8296
Digital global standard low IF demodulator for analog TV and FM radio
3 to 0
GP2_CF[3:0] R/W
It determines how the general purpose pin GPIO2 is
configured.
0000
The GPIO2 pin is in Input mode. The input value is
stored in GP2_VAL.
0001*
The GPIO2 pin is in Open-drain mode. The output
value is determined by GP2_VAL.
0011
The GPIO2 pin is in Output mode. The PLL output
clock divided by two is delivered.
0100
to
1011
The GPIO2 pin is in Output mode. HVPLL signals are
delivered. The HVPLL signal is chosen according to
Table 56.
XXXX
Don’t care if I2CSW_EN = 1. Then the pad is
configured as I2C-bus feed-through.
Table 56.
HVPLL signal configuration
HVPLL_BUS bit
Signal
GPx_CF[3:0] = 1011
V_SYNC
GPx_CF[3:0] = 1010
H_SYNC
GPx_CF[3:0] = 1001
NOISE_DET
GPx_CF[3:0] = 1000
MAC_DET
GPx_CF[3:0] = 0111
FIDT
GPx_CF[3:0] = 0110
V_LOCK
GPx_CF[3:0] = 0101
F_H_LOCK
GPx_CF[3:0] = 0100
N_H_LOCK
Table 57.
GPIOREG_2 register (address 46h) bit description
Legend: * = default value.
Bit
Symbol
Access Value
Description
7 to 5
-
R/W
000*
reserved, must be set to logic 000
4 and 3 -
R/W
00*
not used
2
GP2_VAL
R/W
1*
GP2_VAL controls the value of the pin GPIO2 when
GP2_CF[3:0] = 0001. When GP2_CF[3:0] = 0000,
GPIO2 is an input pin which value can be read
through the I2C-bus stored in GP2_VAL.
1
GP1_VAL
R/W
1*
GP1_VAL controls the value of the pin GPIO1 when
GP1_CF[3:0] = 0001. When GP1_CF[3:0] = 0000,
GPIO1 is an input pin which value can be read
through the I2C-bus stored in GP1_VAL.
0
GP0_VAL
R/W
1*
GP0_VAL controls the value of the pin GPIO0 when
GP0_CF[3:0] = 0001. When GP0_CF[3:0] = 0000,
GPIO0 is an input pin which value can be read
through the I2C-bus stored in GP0_VAL.
Table 55.
GPIOREG_1 register (address 45h) bit description …continued
Legend: * = default value.
Bit
Symbol
Access Value
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com