Electronic Components Datasheet Search
  English  ▼

X  

TDA8296 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # TDA8296
Description  Digital global standard low IF demodulator for analog TV and FM radio
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA8296 Datasheet(HTML) 5 Page - NXP Semiconductors

  TDA8296 Datasheet HTML 1Page - NXP Semiconductors TDA8296 Datasheet HTML 2Page - NXP Semiconductors TDA8296 Datasheet HTML 3Page - NXP Semiconductors TDA8296 Datasheet HTML 4Page - NXP Semiconductors TDA8296 Datasheet HTML 5Page - NXP Semiconductors TDA8296 Datasheet HTML 6Page - NXP Semiconductors TDA8296 Datasheet HTML 7Page - NXP Semiconductors TDA8296 Datasheet HTML 8Page - NXP Semiconductors TDA8296 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 87 page
background image
TDA8296
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 3 March 2011
5 of 87
NXP Semiconductors
TDA8296
Digital global standard low IF demodulator for analog TV and FM radio
[1]
The pull-in range can be doubled to
±1660 kHz by I2C-bus register like described in Table 16. Then the AFC read-out has 256 steps.
[2]
To set audio gain to +6 dB for internal sound demodulation, register 22h has to be programmed to 08h.
5.
Ordering information
THD
total harmonic distortion
FM; for 50 kHz deviation before
pre-emphasis (25 kHz for M standard)
-
0.15
0.3
%
AM; m = 80 %
-
0.5
1
%
BAF(−3dB)
−3 dB AF bandwidth
AM
20
27
-
kHz
FM
40
50
-
kHz
(S/N)w(AF)
AF weighted
signal-to-noise ratio
via internal mono sound demodulator;
“ITU-R BS.468-4”; FM mode related to
27 kHz deviation before pre-emphasis;
10 % residual PC; SC1; color bar picture
52
54
-
dB
via internal mono sound demodulator;
(audio gain +6 dB) “ITU-R BS.468-4”;
AM; m = 54 %; 3 % residual PC; SC1;
color bar picture
[2] 40
44
-
dB
Table 1.
Quick reference data …continued
Power supplies 3.3 V, 1.2 V; Tamb = 25 °C; PC/SC1 for L and M = 10 dB, all others 13 dB; nominal residual picture carrier of
3 % for L/L’ , 10 % for M, 10 % for B/G, 12.5 % for D/K, 20 % for I; FM/AM modulation = 54 %, 1 kHz modulation frequency;
measured in application PCB (see Figure 22 and Figure 23) with 16 MHz crystal frequency, terminated with 75
Ω (CVBS) and
1 k
Ω (SSIF/audio). Operation mode set via easy programming (Section 9.3.1), otherwise stated. Low IF input signal at -3dB
full scale, input frequencies as defined under row header IF input.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 2.
Ordering information
Type number
Package
Name
Description
Version
TDA8296HN
HVQFN40
plastic thermal enhanced very thin quad flat package; no leads;
40 terminals; body 6
× 6 × 0.85 mm
SOT618-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com