Electronic Components Datasheet Search
  English  ▼

X  

TDA8296 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # TDA8296
Description  Digital global standard low IF demodulator for analog TV and FM radio
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA8296 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button TDA8296 Datasheet HTML 5Page - NXP Semiconductors TDA8296 Datasheet HTML 6Page - NXP Semiconductors TDA8296 Datasheet HTML 7Page - NXP Semiconductors TDA8296 Datasheet HTML 8Page - NXP Semiconductors TDA8296 Datasheet HTML 9Page - NXP Semiconductors TDA8296 Datasheet HTML 10Page - NXP Semiconductors TDA8296 Datasheet HTML 11Page - NXP Semiconductors TDA8296 Datasheet HTML 12Page - NXP Semiconductors TDA8296 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 87 page
background image
TDA8296
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 3 March 2011
9 of 87
NXP Semiconductors
TDA8296
Digital global standard low IF demodulator for analog TV and FM radio
[1]
The pin types are defined in Table 5.
Boundary scan
TMS
24
I
Test mode select provides the logic levels needed to change the TAP controller from
state to state during the boundary scan test.
TRST_N
30
I
Test reset is used to reset the TAP controller (active LOW). Grounding is mandatory
in Functional mode.
TCK
27
I
Test clock is used to drive the TAP controller.
TDI
23
I
Test data input is the serial data input for the test data instruction.
TDO
22
O
Test data output is the serial test data output pin. The data is provided on the falling
edge of TCK.
ADC
IF_POS
1
AI
IF positive analog input for internal ADC
IF_NEG
2
AI
IF negative analog input for internal ADC
DAC
V_IOUTP
14
AO
positive analog current output of the video output
V_IOUTN
13
AO
negative analog current output of the video output
S_IOUTP
17
AO
positive analog current output of the SSIF/mono sound output
S_IOUTN
16
AO
negative analog current output of the SSIF/mono sound output
RSET
11
I
External bias setting of the DACs. An external resistor (1 k
Ω typical) has to be
connected between RSET and the analog ground of the board. This resistor
generates the current into the DACs and also defines the full scale output current.
The total parasitic capacitance seen externally from the RSET pin has to be lower
than 20 pF.
Supplies and grounds
VDDA(DAC1)(3V3) 15
PS
DAC1 (video DAC) and DAC reference module analog supply voltage (3.3 V typical)
VDDA(DAC2)(3V3) 18
PS
DAC2 (sound DAC) analog supply voltage (3.3 V typical)
VSSA(DAC)
12
GND
DAC reference module analog ground supply voltage (0 V typical)
VDDA(ADC)(1V2)
3
PS
IF ADC analog supply voltage (1.2 V typical)
VSSA(ADC)
40
GND
ADC analog ground supply voltage (0 V typical)
VDDD1(1V2)
4
PS
ADC, PLL and DACs digital supply voltage (1.2 V typical)
VSSD1
5
GND
ADC, PLL and DACs digital ground supply voltage (0 V typical)
VDDA(PLL)(1V2)
7
PS
crystal oscillator and clock PLL analog supply voltage (1.2 V typical)
VSSA(PLL)
10
GND
crystal oscillator and clock PLL analog ground supply voltage (0 V typical)
VDDD2(1V2)
25
PS
core digital supply voltage (1.2 V typical)
VSSD2
26
GND
core digital ground supply voltage (0 V typical)
VDDDR(3V3)
34
PS
ring digital supply voltage (3.3 V typical)
VSSDR
35
GND
ring digital ground supply voltage (0 V typical)
VSS
die pad
GND
Other pins
i.c.
6, 36,
38
I
internally connected; connect to ground
n.c.
39
I
not connected
Table 4.
Pin description …continued
Symbol
Pin
Type[1]
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com