Electronic Components Datasheet Search
  English  ▼

X  

TDA8296 Datasheet(PDF) 44 Page - NXP Semiconductors

Part # TDA8296
Description  Digital global standard low IF demodulator for analog TV and FM radio
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA8296 Datasheet(HTML) 44 Page - NXP Semiconductors

Back Button TDA8296 Datasheet HTML 40Page - NXP Semiconductors TDA8296 Datasheet HTML 41Page - NXP Semiconductors TDA8296 Datasheet HTML 42Page - NXP Semiconductors TDA8296 Datasheet HTML 43Page - NXP Semiconductors TDA8296 Datasheet HTML 44Page - NXP Semiconductors TDA8296 Datasheet HTML 45Page - NXP Semiconductors TDA8296 Datasheet HTML 46Page - NXP Semiconductors TDA8296 Datasheet HTML 47Page - NXP Semiconductors TDA8296 Datasheet HTML 48Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 87 page
background image
TDA8296
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 3 March 2011
44 of 87
NXP Semiconductors
TDA8296
Digital global standard low IF demodulator for analog TV and FM radio
9.3.15 ADC control
In the TDA8296 a 12-bit ADC is implemented sampling with a 54 MHz clock (27 MHz
optional).
1
STDBY
R/W
When STDBY is set to logic 1, the chip enters in Standby
mode, and its power consumption is reduced. The IF AGC pin
is set to high-ohmic. The default value is logic 0, which means
that the chip is active.
0*
Normal mode
1
Standby mode
0
CLB
R/W
This signal clears the TDA8296 through the I2C-bus interface
(software reset). To activate the reset, just write CLB = 0. This
software reset will not affect the content of the registers.
0
activate soft reset
1*
normal operation
Table 47.
CLB_STDBY register (address 30h) bit description …continued
Legend: * = default value.
Bit
Symbol Access Value
Description
Table 48.
ADC_CTL register (address 33h) bit description
Legend: * = default value.
Bit
Symbol
Access Value
Description
7 to 4 -
R/W
0010*
reserved, must be set to logic 0010
3
DCIN
R/W
The input signal of the ADC can be either AC coupled by
means of two capacitors or connected directly to the inputs
(DC coupled).
0*
AC coupling
1
DC coupling
2
-
R/W
1*
reserved, must be set to logic 1
1
SLEEP
R/W
When HIGH, SLEEP sets the ADC into its Sleep mode. Both
bias current and clock are switched off. In this mode, the
current consumption is reduced by a factor of 6. The
reference circuit will remain active in order to guarantee a fast
recovery from Sleep mode.
0*
Normal mode
1
ADC Sleep mode
0
PD_ADC
R/W
When HIGH, PD_ADC sets the ADC into its Power-down
mode. All internal currents are switched off. In this mode, the
current consumption is near zero (leakage current only).
0*
Normal mode
1
ADC Power-down mode
Table 49.
ADC_CTL_2 register (address 34h) bit description
Legend: * = default value.
Bit
Symbol
Access Value
Description
7 to 3
-
R/W
0000 0* not used
2 and 1 -
R/W
10*
reserved, must be set to logic 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com