Electronic Components Datasheet Search
  English  ▼

X  

TDA8296 Datasheet(PDF) 64 Page - NXP Semiconductors

Part # TDA8296
Description  Digital global standard low IF demodulator for analog TV and FM radio
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA8296 Datasheet(HTML) 64 Page - NXP Semiconductors

Back Button TDA8296 Datasheet HTML 60Page - NXP Semiconductors TDA8296 Datasheet HTML 61Page - NXP Semiconductors TDA8296 Datasheet HTML 62Page - NXP Semiconductors TDA8296 Datasheet HTML 63Page - NXP Semiconductors TDA8296 Datasheet HTML 64Page - NXP Semiconductors TDA8296 Datasheet HTML 65Page - NXP Semiconductors TDA8296 Datasheet HTML 66Page - NXP Semiconductors TDA8296 Datasheet HTML 67Page - NXP Semiconductors TDA8296 Datasheet HTML 68Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 87 page
background image
TDA8296
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 3 March 2011
64 of 87
NXP Semiconductors
TDA8296
Digital global standard low IF demodulator for analog TV and FM radio
13. Application information
13.1 Typical application
13.1.1 IF input application
(1) Input filter schematics see Figure 20 or Figure 21
Fig 19. Typical application of TDA8296
008aaa140
VSYNC
XIN
RSET
SDA_O
SCL_O
SDA
SCL
processed
audio and video
TDA1827x
(TUNER IC)
AUDIO
AND
VIDEO
DECODER
TDA8296
IF_POS
IF_NEG
IF_AGC
S_IOUTN
V_IOUTN
V_IOUTP
S_IOUTP
SSIF
CVBS
tuner IF AGC
(1)
reference frequency
V-sync
I2C-bus
I2C-bus
Fig 20. IF input application for interlacing TDA1827x
Fig 21. IF input application
001aam375
47
Ω
82
Ω
82
Ω
1
VSSA(ADC)
40
2
IF_POS
IF_NEG
100 nF
47
Ω
100 nF
39 pF
39 pF
TDA8296
001aan141
22
Ω
82
Ω
82
Ω
1
VSSA(ADC)
40
2
IF_POS
IF_NEG
100 nF
22
Ω
100 nF
22 nF
22 nF
68 pF
TDA8296



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com