Electronic Components Datasheet Search
  English  ▼

X  

TDA8296 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TDA8296
Description  Digital global standard low IF demodulator for analog TV and FM radio
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA8296 Datasheet(HTML) 4 Page - NXP Semiconductors

  TDA8296 Datasheet HTML 1Page - NXP Semiconductors TDA8296 Datasheet HTML 2Page - NXP Semiconductors TDA8296 Datasheet HTML 3Page - NXP Semiconductors TDA8296 Datasheet HTML 4Page - NXP Semiconductors TDA8296 Datasheet HTML 5Page - NXP Semiconductors TDA8296 Datasheet HTML 6Page - NXP Semiconductors TDA8296 Datasheet HTML 7Page - NXP Semiconductors TDA8296 Datasheet HTML 8Page - NXP Semiconductors TDA8296 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 87 page
background image
TDA8296
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 3 March 2011
4 of 87
NXP Semiconductors
TDA8296
Digital global standard low IF demodulator for analog TV and FM radio
CVBS output
Vo(p-p)
peak-to-peak output
voltage
negative PC modulation (all standards
except L/L-accent); 75
Ω DC load;
sync-white modulation; 90 % (nominal)
0.9
1.0
1.1
V
positive PC modulation (L/L-accent
standard); 75
Ω DC load; sync-white
modulation; 97 % (nominal)
0.9
1.0
1.1
V
Bvideo(−3dB)
−3 dB video bandwidth
overall video response; CVBS equalizer
flat
all standards except M/N
4.7
4.85
-
MHz
M/N standard
3.8
3.9
-
MHz
α
resp(f)
frequency response
video equalizer; 8 equally spaced
settings; value at 3.9 MHz
−5
-
+4.5
dB
Gdif
differential gain
“ITU-T J.63 line 330”
-
1.5
5
%
ϕ
dif
differential phase
“ITU-T J.63 line 330”
-
1.0
3
deg
(S/N)w
weighted signal-to-noise
ratio
all standards; unified weighting filter
(“ITU-T J.61”); PC at
−6 dBFS
57
60
-
dB
SSIF/mono sound output
Vo(SSIF)(RMS)
RMS SSIF output voltage
1 k
Ω DC or AC load; no modulation;
PC / SC1 = 13 dB
M standard
105
115
127
mV
B standard
97
104
116
mV
G/H standard
97
104
116
mV
D/K standard
89
96
106
mV
I standard
93
100
111
mV
L standard
89
96
106
mV
L-accent standard
89
96
106
mV
FM radio (single carrier)
94
103
115
mV
Vo(AF)(RMS)
RMS AF output voltage
1 k
Ω DC or AC load
M standard; 54 % modulation degree
(
±13.5 kHz FM deviation before
pre-emphasis)
98
116
135
mV
B, G/H, I, D/K standard;
54 % modulation degree (
±27 kHz
FM deviation before pre-emphasis)
107
126
144
mV
α
hr(AF)
AF headroom
before clipping; 1 k
Ω DC or AC load
M standard; related to
±25 kHz peak
deviation before pre-emphasis
-
7
-
dB
B, G/H, I, D/K standard; related to
±50 kHz peak deviation before
pre-emphasis
-
7
-
dB
Table 1.
Quick reference data …continued
Power supplies 3.3 V, 1.2 V; Tamb = 25 °C; PC/SC1 for L and M = 10 dB, all others 13 dB; nominal residual picture carrier of
3 % for L/L’ , 10 % for M, 10 % for B/G, 12.5 % for D/K, 20 % for I; FM/AM modulation = 54 %, 1 kHz modulation frequency;
measured in application PCB (see Figure 22 and Figure 23) with 16 MHz crystal frequency, terminated with 75
Ω (CVBS) and
1 k
Ω (SSIF/audio). Operation mode set via easy programming (Section 9.3.1), otherwise stated. Low IF input signal at -3dB
full scale, input frequencies as defined under row header IF input.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com