Electronic Components Datasheet Search
  English  ▼

X  

TDA8296 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA8296
Description  Digital global standard low IF demodulator for analog TV and FM radio
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA8296 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA8296 Datasheet HTML 4Page - NXP Semiconductors TDA8296 Datasheet HTML 5Page - NXP Semiconductors TDA8296 Datasheet HTML 6Page - NXP Semiconductors TDA8296 Datasheet HTML 7Page - NXP Semiconductors TDA8296 Datasheet HTML 8Page - NXP Semiconductors TDA8296 Datasheet HTML 9Page - NXP Semiconductors TDA8296 Datasheet HTML 10Page - NXP Semiconductors TDA8296 Datasheet HTML 11Page - NXP Semiconductors TDA8296 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 87 page
background image
TDA8296
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 3 March 2011
8 of 87
NXP Semiconductors
TDA8296
Digital global standard low IF demodulator for analog TV and FM radio
7.2 Pin description
31
GPIO2/SDA_O
32
GPIO1/SCL_O
33
GPIO0/VSYNC
34
VDDDR(3V3)
35
VSSDR
36
i.c.
37
IF_AGC
38
i.c.
39
n.c.
40
VSSA(ADC)
die pad
global ground at backside contact
Table 3.
Pin allocation table …continued
Pin
Symbol
Pin
Symbol
Table 4.
Pin description
Symbol
Pin
Type[1]
Description
Reset
RST_N
21
I
The RST_N input is asynchronous and active LOW, and clears the TDA8296. When
RST_N goes LOW, the circuit immediately enters its Reset mode and normal
operation will resume four XIN signal falling edges later after RST_N returns HIGH.
Internal register contents are all initialized to their default values. The minimum width
of RST_N at LOW level is four XIN clock periods.
Reference
XIN
8
I
Crystal oscillator input pin. In Slave mode (typically), the XIN input simply receives a
16 MHz clock signal (fREF) from an external device (typically from the TDA1827x). In
Oscillator mode, a fundamental 16 MHz (typically) crystal is connected between
pin XIN and pin XOUT.
XOUT
9
O
Crystal oscillator output pin. In Slave mode, the XOUT output is not connected. In
Oscillator mode a fundamental 16 MHz (typically) crystal is connected between pin
XIN and pin XOUT.
I2C-bus
SDA
29
I/O, OD
I2C-bus bidirectional serial data. SDA is an open-drain output and therefore requires
an external pull-up resistor (typically 4.7 k
Ω).
SCL
28
I
I2C-bus clock input. SCL is nominally a square wave with a maximum frequency of
400 kHz. It is generated by the system I2C-bus master.
SADDR0
19
I
These two bits allow to select four possible I2C-bus addresses, and therefore
permits to use several TDA8296 in the same application and/or to avoid conflict with
other ICs. The complete I2C-bus address is: 1, 0, 0, SADDR1, 0, 1, SADDR0, R/W
(see also Section 9.1).
SADDR1
20
I
I2C-bus feed-through switch or GPIO
GPIO2/SDA_O 31
I/O, OD
SDA_O is equivalent to SDA but can be 3-stated by I2C-bus programming. It is the
output of a switch controlled by I2CSW_EN parameter. SDA_O is an open-drain
output and therefore requires an external pull-up resistor (see Section 9.3.18).
GPIO1/SCL_O
32
I/O, OD
SCL_O is equivalent to SCL input but can be 3-stated by I2C-bus programming.
SCL_O is an open-drain output and therefore requires an external pull-up resistor
(see Section 9.3.18). For proper functioning of the I2C-bus feed-through, a capacitor
C = 33 pF to GND must be added (see Section 13.6).
V-sync or GPIO
GPIO0/VSYNC 33
I/O, OD
vertical synchronization pulse needed for the NXP Silicon Tuner
(see Section 9.3.18)
Tuner IF AGC
IF_AGC
37
I/O, OD, T tuner IF AGC output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com