Electronic Components Datasheet Search
  English  ▼

X  

TDA8296 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # TDA8296
Description  Digital global standard low IF demodulator for analog TV and FM radio
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA8296 Datasheet(HTML) 3 Page - NXP Semiconductors

  TDA8296 Datasheet HTML 1Page - NXP Semiconductors TDA8296 Datasheet HTML 2Page - NXP Semiconductors TDA8296 Datasheet HTML 3Page - NXP Semiconductors TDA8296 Datasheet HTML 4Page - NXP Semiconductors TDA8296 Datasheet HTML 5Page - NXP Semiconductors TDA8296 Datasheet HTML 6Page - NXP Semiconductors TDA8296 Datasheet HTML 7Page - NXP Semiconductors TDA8296 Datasheet HTML 8Page - NXP Semiconductors TDA8296 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 87 page
background image
TDA8296
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 3 March 2011
3 of 87
NXP Semiconductors
TDA8296
Digital global standard low IF demodulator for analog TV and FM radio
4.
Quick reference data
Table 1.
Quick reference data
Power supplies 3.3 V, 1.2 V; Tamb = 25 °C; PC/SC1 for L and M = 10 dB, all others 13 dB; nominal residual picture carrier of
3 % for L/L’ , 10 % for M, 10 % for B/G, 12.5 % for D/K, 20 % for I; FM/AM modulation = 54 %, 1 kHz modulation frequency;
measured in application PCB (see Figure 22 and Figure 23) with 16 MHz crystal frequency, terminated with 75
Ω (CVBS) and
1 k
Ω (SSIF/audio). Operation mode set via easy programming (Section 9.3.1), otherwise stated. Low IF input signal at -3dB
full scale, input frequencies as defined under row header IF input.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Power supply
VDD(1V2)
supply voltage (1.2 V)
digital and analog
1.1
1.2
1.3
V
VDD(3V3)
supply voltage (3.3 V)
digital and analog
3.0
3.3
3.6
V
IDD(tot)(1V2)
total supply current (1.2 V)
-
49
-
mA
IDD(tot)(3V3)
total supply current (3.3 V)
-
65
-
mA
Ptot
total power dissipation
default settings; fs = 54 MHz at ADC;
DAC application in accordance to
Figure 23
-
270
-
mW
fs = 54 MHz at ADC; DAC application in
accordance to Figure 24
-
150
-
mW
Standby mode
-
5
8
mW
IF input
Vi(p-p)
peak-to-peak input voltage for full-scale ADC input (0 dBFS)
0.7
0.8
0.9
V
Vi
input voltage
operational input related to ADC full
scale; all standards; sum of all signals
−3
−3
−3
dBFS
fi
input frequency
PC / SC1
M/N standard
-
5.40 / 0.90 -
MHz
B standard
-
6.40 / 0.90 -
MHz
G/H standard
-
6.75 / 1.25 -
MHz
I standard
-
7.25 / 1.25 -
MHz
D/K standard
-
6.85 / 0.35 -
MHz
L standard
-
6.75 / 0.25 -
MHz
L-accent standard
-
1.25 / 7.75 -
MHz
FM radio
-
1.25
-
MHz
Carrier recovery FPLL
B−3dB(cl)
closed-loop
−3 dB
bandwidth
wide
-
60
-
kHz
Δf
pullin
pull-in frequency range
[1] -
±830
-
kHz
mover(PC)
picture carrier over
modulation index
black for L/L-accent standard; flat field
white else
115
117
-
%
IF demodulation (video equalizer in Flat mode)
α
sup(stpb)
stop-band suppression
video low-pass filter (M/N, B/G/H, I, D/K,
L/L-accent standard)
-
−60
-
dB
tripple(GDE)
group delay equalizer
ripple time
peak value for B/G/H half, D/K half,
I flat, M (FCC) full, L/L-accent full
standard
-
20
40
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com