Electronic Components Datasheet Search
  English  ▼

X  

TDA8296 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # TDA8296
Description  Digital global standard low IF demodulator for analog TV and FM radio
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA8296 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button TDA8296 Datasheet HTML 17Page - NXP Semiconductors TDA8296 Datasheet HTML 18Page - NXP Semiconductors TDA8296 Datasheet HTML 19Page - NXP Semiconductors TDA8296 Datasheet HTML 20Page - NXP Semiconductors TDA8296 Datasheet HTML 21Page - NXP Semiconductors TDA8296 Datasheet HTML 22Page - NXP Semiconductors TDA8296 Datasheet HTML 23Page - NXP Semiconductors TDA8296 Datasheet HTML 24Page - NXP Semiconductors TDA8296 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 87 page
background image
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx xxxxx
xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx
xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx
5Ah
CVBS_EQ_COEF1_
HIGH
0
0
0
0
CVBS_EQ_COEF1[11:8]
5Bh
CVBS_EQ_COEF2_
LOW
CVBS_EQ_COEF2[7:0]
5Ch
CVBS_EQ_COEF2_
HIGH
0
0
0
0
CVBS_EQ_COEF2[11:8]
5Dh
CVBS_EQ_COEF3_
LOW
CVBS_EQ_COEF3[7:0]
5Eh
CVBS_EQ_COEF3_
HIGH
0
0
0
0
CVBS_EQ_COEF3[11:8]
5Fh
CVBS_EQ_COEF4_
LOW
CVBS_EQ_COEF4[7:0]
60h
CVBS_EQ_COEF4_
HIGH
0
0
0
0
CVBS_EQ_COEF4[11:8]
61h
CVBS_EQ_COEF5_
LOW
CVBS_EQ_COEF5[7:0]
62h
CVBS_EQ_COEF5_
HIGH
0
0
0
0
CVBS_EQ_COEF5[11:8]
63h to
66h
not used
0
0
0
0
0
0
0
0
67h
reserved
1
1
1
1
1
1
1
0
68h
reserved
0
0
0
0
1
1
1
1
69h
reserved
1
1
1
1
1
0
1
0
6Ah
reserved
0
0
0
0
1
1
1
1
6Bh
reserved
1
1
1
0
1
1
1
1
6Ch
reserved
0
0
0
0
1
1
1
1
6Dh
reserved
1
1
0
1
1
1
0
1
6Eh
reserved
0
0
0
0
1
1
1
1
6Fh
reserved
1
0
1
1
1
1
1
0
70h
reserved
0
0
0
0
1
1
1
1
71h
reserved
1
0
0
0
1
0
1
0
72h
reserved
0
0
0
0
1
1
1
1
73h
reserved
0
0
1
1
0
0
1
0
Table 10.
I2C-bus registers …continued
Index
Name
7 (MSB)
6
5
4
3
2
1
0 (LSB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com