Electronic Components Datasheet Search
  English  ▼

X  

TDA8296 Datasheet(PDF) 38 Page - NXP Semiconductors

Part # TDA8296
Description  Digital global standard low IF demodulator for analog TV and FM radio
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA8296 Datasheet(HTML) 38 Page - NXP Semiconductors

Back Button TDA8296 Datasheet HTML 34Page - NXP Semiconductors TDA8296 Datasheet HTML 35Page - NXP Semiconductors TDA8296 Datasheet HTML 36Page - NXP Semiconductors TDA8296 Datasheet HTML 37Page - NXP Semiconductors TDA8296 Datasheet HTML 38Page - NXP Semiconductors TDA8296 Datasheet HTML 39Page - NXP Semiconductors TDA8296 Datasheet HTML 40Page - NXP Semiconductors TDA8296 Datasheet HTML 41Page - NXP Semiconductors TDA8296 Datasheet HTML 42Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 87 page
background image
TDA8296
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 3 March 2011
38 of 87
NXP Semiconductors
TDA8296
Digital global standard low IF demodulator for analog TV and FM radio
[1]
Before activating mono sound, the TV standard needs to be set via easy programming
2
AUTO_MUTE
R/W
When active, the mono sound signal is muted if the horizontal lock flag
(N_H_LOCK) disappears. This setting only makes sense in case the sound
DAC output is also set to mono sound (SSIF_SND[1:0] = 01). FOR_MUTE
has no function if SSIF_SND[1:0] =10.
0*
off
1
on
X
don’t care if SSIF output is chosen (SSIF_SND[1:0] = 10)
1 and 0 SSIF_SND[1:0]
R/W
either mono sound or SSIF can be chosen for the sound DAC output
01
mono sound[1]
10*
SSIF
Table 35.
SOUNDSET_2 register (address 21h) bit description …continued
Legend: * = default value.
Bit
Symbol
Access Value
Description
Table 36.
SOUND_LEVEL register (address 22h) bit description
Legend: * = default value.
Bit
Symbol
Access Value
Description
7 to 5 -
R/W
000*
not used
4 to 0 SND_LVL[4:0] R/W
mono sound output level
0 0001
−12 dB nominal; implemented for flexibility reasons. With this setting, the
adaptation to different standard requirements can be done.
0 0010
−6 dB nominal; implemented for flexibility reasons. With this setting, the
adaptation to different standard requirements can be done. It is chosen for FM
radio because of the large FM deviation involved.
0 0100
Nominal setting; FM deviations up to 100 kHz can be processed without sound
DAC clipping. The clipping level is 535 mV (RMS) typically.
0 1000*
+6 dB nominal; chosen for M/N standard due to less nominal frequency
deviation
1 0000
+12 dB nominal; implemented for flexibility reasons. With this setting, the
adaptation to different standard requirements can be done.
X XXXX
don’t care if SSIF output is chosen (SSIF_SND[1:0] = 10)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com