Electronic Components Datasheet Search
  English  ▼

X  

TDA8296 Datasheet(PDF) 47 Page - NXP Semiconductors

Part # TDA8296
Description  Digital global standard low IF demodulator for analog TV and FM radio
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA8296 Datasheet(HTML) 47 Page - NXP Semiconductors

Back Button TDA8296 Datasheet HTML 43Page - NXP Semiconductors TDA8296 Datasheet HTML 44Page - NXP Semiconductors TDA8296 Datasheet HTML 45Page - NXP Semiconductors TDA8296 Datasheet HTML 46Page - NXP Semiconductors TDA8296 Datasheet HTML 47Page - NXP Semiconductors TDA8296 Datasheet HTML 48Page - NXP Semiconductors TDA8296 Datasheet HTML 49Page - NXP Semiconductors TDA8296 Datasheet HTML 50Page - NXP Semiconductors TDA8296 Datasheet HTML 51Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 87 page
background image
TDA8296
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 3 March 2011
47 of 87
NXP Semiconductors
TDA8296
Digital global standard low IF demodulator for analog TV and FM radio
For optimum performances, the following relations must be respected:
275 MHz ≤ fVCO ≤ 550 MHz
4 kHz ≤ fi / N ≤ 150 MHz
9.3.18 GPIOs
In the TDA8296, three general purpose input/outputs are implemented.
Table 54.
GPIOREG_0 register (address 44h) bit description
Legend: * = default value.
Bit
Symbol
Access Value
Description
7 to 4 GP1_CF[3:0]
R/W
It determines how the general purpose pin GPIO1 is
configured.
0000
The GPIO1 pin is in Input mode. The input value is
stored in GP1_VAL.
0001*
The GPIO1 pin is in Open-drain mode. The output
value is determined by GP1_VAL.
0011
The GPIO1 pin is in Output mode. The PLL output
clock divided by two is delivered.
0100
to
1011
The GPIO1 pin is in Output mode. HVPLL signals are
delivered. The HVPLL signal is chosen according to
Table 56.
XXXX
Don’t care if I2CSW_EN = 1. Then the pad is
configured as I2C-bus feed-through like described in
Table 55.
3 to 0 GP0_CF[3:0]
R/W
It determines how the general purpose pin GPIO0 is
configured.
0000
The GPIO0 pin is in Input mode. The input value is
stored in GP0_VAL.
0001
The GPIO0 pin is in Open-drain mode. The output
value is determined by GP0_VAL.
0011
The GPIO0 pin is in Output mode. The PLL output
clock divided by two is delivered.
0100
to
1011*
The GPIO0 pin is in Output mode. HVPLL signals are
delivered. The HVPLL signal is chosen according to
Table 56.
Table 55.
GPIOREG_1 register (address 45h) bit description
Legend: * = default value.
Bit
Symbol
Access Value
Description
7
I2CSW_EN
R/W
1*
When I2CSW_EN = 1, GPIO1 and GPIO2 are
configured as an I2C-bus feed-through independently of
the GP1_CF and GP2_CF value. When
I2CSW_ON = 0, the feed-through switch is open, and
GPIO1 and GPIO2 are in 3-state. When the switch is
closed (I2CSW_ON = 1), the I2C-bus clock and data
signals (SCL and SDA) are available on the GPIO1 and
GPIO2 pins.
6
I2CSW_ON
R/W
0*
5 and 4 -
R/W
00*
not used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com