Electronic Components Datasheet Search
  English  ▼

X  

TDA8296 Datasheet(PDF) 53 Page - NXP Semiconductors

Part # TDA8296
Description  Digital global standard low IF demodulator for analog TV and FM radio
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA8296 Datasheet(HTML) 53 Page - NXP Semiconductors

Back Button TDA8296 Datasheet HTML 49Page - NXP Semiconductors TDA8296 Datasheet HTML 50Page - NXP Semiconductors TDA8296 Datasheet HTML 51Page - NXP Semiconductors TDA8296 Datasheet HTML 52Page - NXP Semiconductors TDA8296 Datasheet HTML 53Page - NXP Semiconductors TDA8296 Datasheet HTML 54Page - NXP Semiconductors TDA8296 Datasheet HTML 55Page - NXP Semiconductors TDA8296 Datasheet HTML 56Page - NXP Semiconductors TDA8296 Datasheet HTML 57Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 87 page
background image
TDA8296
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 3 March 2011
53 of 87
NXP Semiconductors
TDA8296
Digital global standard low IF demodulator for analog TV and FM radio
10. Limiting values
[1]
Stresses above the absolute maximum ratings may cause permanent damage to the device. Exposure to absolute maximum ratings
conditions for extended periods may affect device reliability.
[2]
Tj depends on the assembly condition of the package and especially on the design of the PCB. The application mounting must be done
in such a way that the maximum junction temperature Tj(max) is never exceeded.
[3]
No power sequence requirement
[4]
Class IV according to EIA/JESD22-C101.
11. Thermal characteristics
The thermal resistance depends strongly on the nature of the PCB used in the application
and on its design. The thermal resistance given in Table 63 corresponds to the value that
can be measured on a multilayer PCB (4 layers) as defined by EIA/JESD51-2. This value
is given for information only.
The junction temperature influences strongly the reliability of an IC. The PCB used in the
application contributes on a large part to the overall thermal characteristic. It must
therefore be designed to insure that the junction temperature of the IC never exceeds
Tj(max) = 125 °C at the maximum ambient temperature.
The IC has to be soldered to ground with its die-attached paddle. Plenty of vias are
recommended to remove the heat.
Table 62.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).[1][2][3]
Symbol
Parameter
Conditions
Min
Max
Unit
VDDD(1V2)
digital supply voltage (1.2 V)
−0.5
+1.5
V
VDDDR(3V3)
ring digital supply voltage (3.3 V)
−0.5
+4.6
V
VDDA(ADC)(1V2)
ADC analog supply voltage (1.2 V)
−0.5
+1.5
V
VDDA(PLL)(1V2)
PLL analog supply voltage (1.2 V)
−0.5
+1.5
V
VDDA(DAC)(3V3)
DAC analog supply voltage (3.3 V)
−0.5
+4.6
V
Vi
input voltage
pins XIN, IF_POS and
IF_NEG
−0.5
+1.3
V
digital input pins
−0.5
+4.6
V
Tlead
lead temperature
-
300
°C
Ptot
total power dissipation
Tamb = 85 °C
-
0.5
W
Tstg
storage temperature
−40
+125
°C
Tj
junction temperature
-
+125
°C
Tamb
ambient temperature
−20
+85
°C
VESD
electrostatic discharge voltage
all pins:
Field ind. Charge Device
Model (FCDM)
[4] -
±1000
V
Human Body Model (HBM)
-
±4000
V
Table 63.
Thermal characteristics
Symbol
Parameter
Conditions
Typ
Unit
Rth(j-a)
thermal resistance from junction to
ambient
in still air
36.8
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com