Electronic Components Datasheet Search
  English  ▼

X  

TDA8296 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # TDA8296
Description  Digital global standard low IF demodulator for analog TV and FM radio
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA8296 Datasheet(HTML) 1 Page - NXP Semiconductors

  TDA8296 Datasheet HTML 1Page - NXP Semiconductors TDA8296 Datasheet HTML 2Page - NXP Semiconductors TDA8296 Datasheet HTML 3Page - NXP Semiconductors TDA8296 Datasheet HTML 4Page - NXP Semiconductors TDA8296 Datasheet HTML 5Page - NXP Semiconductors TDA8296 Datasheet HTML 6Page - NXP Semiconductors TDA8296 Datasheet HTML 7Page - NXP Semiconductors TDA8296 Datasheet HTML 8Page - NXP Semiconductors TDA8296 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 87 page
background image
1.
General description
The TDA8296 is an alignment-free digital multistandard vision and sound low IF signal
PLL demodulator for positive and negative video modulation including AM and FM mono
sound processing. It can be used in all countries worldwide for M/N, B/G/H, I, D/K,
L and L-accent standard. CVBS and SSIF/mono audio are provided via two DACs. FM
radio preprocessing is included for simple interfacing with demodulator/stereo decoder
backends.
The IC is especially suited for the application with the NXP Silicon Tuner TDA1827x.
All the processing is done in the digital domain.
The chip has an ‘easy programming’ mode to make the I2C-bus protocol very simple. In
principle, only one bit sets the proper standard with recommended content. However, if
this is not suitable, free programming is always possible.
Note: Register 06h has to be reprogrammed to new value C4h (see Section 9.2 and
Section 9.3.1).
2.
Features and benefits
Digital IF demodulation for all analog TV standards worldwide (M/N, B/G/H, D/K, I,
L and L-accent standard)
Multistandard true synchronous demodulation with active carrier regeneration
Alignment-free
16 MHz typical reference frequency input (from low IF tuner) or operating as crystal
oscillator
Internal PLL synthesizer which allows the use of a low-cost crystal (typically 16 MHz)
Especially suited for the NXP Silicon Tuner TDA1827x
No SAW filter needed
Low application effort and external component count in combination with the
TDA1827x
Simple upgrade of TDA8295 possible
12-bit low power IF ADC on chip running with 54 MHz or 27 MHz
Two 10-bit DACs on chip for CVBS and SSIF or audio
Easy programming for I2C-bus
High flexibility due to various I2C-bus programming registers
I2C-bus interface and I2C-bus feed-through for tuner programming
Four I2C-bus addresses selectable via two external pins
TDA8296
Digital global standard low IF demodulator for analog TV and
FM radio
Rev. 1 — 3 March 2011
Product data sheet


Similar Part No. - TDA8296

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8295 NXP-TDA8295 Datasheet
474Kb / 77P
Digital global standard low IF demodulator for analog TV and FM radio
Rev. 01-4 February 2008
TDA8295 NXP-TDA8295 Datasheet
3Mb / 83P
Digital global standard low IF demodulator for analog TV and FM radio
Rev. 02-27 November 2009
TDA8295C2 NXP-TDA8295C2 Datasheet
3Mb / 83P
Digital global standard low IF demodulator for analog TV and FM radio
Rev. 02-27 November 2009
TDA8295HN NXP-TDA8295HN Datasheet
474Kb / 77P
Digital global standard low IF demodulator for analog TV and FM radio
Rev. 01-4 February 2008
TDA8295HN NXP-TDA8295HN Datasheet
3Mb / 83P
Digital global standard low IF demodulator for analog TV and FM radio
Rev. 02-27 November 2009
More results

Similar Description - TDA8296

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1596 PHILIPS-TDA1596 Datasheet
346Kb / 20P
IF amplifier/demodulator for FM radio receivers
April 1991
TDA1596T PHILIPS-TDA1596T Datasheet
400Kb / 22P
IF amplifier/demodulator for FM radio receivers
April 1991
TDA1597 PHILIPS-TDA1597 Datasheet
200Kb / 24P
IF amplifier/demodulator for FM radio receivers
1997 Feb 27
TDA1599 PHILIPS-TDA1599 Datasheet
262Kb / 22P
IF amplifier/demodulator for FM radio receivers
May 1994
TDA9809M PHILIPS-TDA9809M Datasheet
186Kb / 40P
Single standard multimedia IF-PLL and FM radio demodulator
1998 Jan 08
TDA9816M PHILIPS-TDA9816M Datasheet
286Kb / 44P
Multistandard multimedia IF-PLL and FM radio demodulator
1997 Nov 19
logo
TEMIC Semiconductors
U828B TEMIC-U828B Datasheet
84Kb / 5P
FM IF AMPLIFIER AND DEMODULATOR FOR TV SOUND APPLICATION
logo
NXP Semiconductors
TDA8295 NXP-TDA8295 Datasheet
474Kb / 77P
Digital global standard low IF demodulator for analog TV and FM radio
Rev. 01-4 February 2008
TDA8295 NXP-TDA8295_09 Datasheet
3Mb / 83P
Digital global standard low IF demodulator for analog TV and FM radio
Rev. 02-27 November 2009
SAA7131E NXP-SAA7131E Datasheet
335Kb / 66P
Global standard low-IF demodulator and PCI audio and video decoder for analog TV
Rev. 03-19 May 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com