Electronic Components Datasheet Search
  English  ▼

X  

TDA8296 Datasheet(PDF) 68 Page - NXP Semiconductors

Part # TDA8296
Description  Digital global standard low IF demodulator for analog TV and FM radio
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA8296 Datasheet(HTML) 68 Page - NXP Semiconductors

Back Button TDA8296 Datasheet HTML 64Page - NXP Semiconductors TDA8296 Datasheet HTML 65Page - NXP Semiconductors TDA8296 Datasheet HTML 66Page - NXP Semiconductors TDA8296 Datasheet HTML 67Page - NXP Semiconductors TDA8296 Datasheet HTML 68Page - NXP Semiconductors TDA8296 Datasheet HTML 69Page - NXP Semiconductors TDA8296 Datasheet HTML 70Page - NXP Semiconductors TDA8296 Datasheet HTML 71Page - NXP Semiconductors TDA8296 Datasheet HTML 72Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 87 page
background image
TDA8296
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 3 March 2011
68 of 87
NXP Semiconductors
TDA8296
Digital global standard low IF demodulator for analog TV and FM radio
13.3 DAC connection
The video and sound output signals are converted from IC internal digital domain to
analog output signal domain by digital controlled current sources. therefore the Digital to
Analog Conversion (DAC) is based on controlled current sources. the current sources of
the video and sound DACs are operating in differential mode. Even though differential
mode can be used, the typical application use case is single ended. Each output of the
differential pair needs to be terminated by the same impedance to ground. The
termination impedance converts the DAC output current to signal voltage. The full scale
DAC current is defined by application resistor RRSET (connected between pin RSET and
ground). Typical values of RRSET are 1 kΩ and 2 kΩ. Additionally the full scale DAC
current can be adjusted between 50% and 100% via register 0x35h (bits B_DA_V[5:0])
and via register 0x36h (bits B_DA_S[5:0]).
The full scale current is application dependent and needs to be matched to the termination
(output voltage is product of DAC current and termination impedance value). The nominal
peak-peak signal voltage should not exceed 1Vpp. The sum of AC an DC signal should not
exceed 1.5V single ended.
(1) Bottom layer
(2) Top layer
Fig 27. PCB pattern using circuit diagrams of Figure 20, Figure 22, Figure 23 and 16 MHz
reference from master
001aan108
SDA-T
SCL-T
SDA
SCL
TDA8296HN
SIFp
CVBSp
IF-AGC
Low-IFp
Low-IFn
16 MHz-p
16 MHz-n
2.2
Ω
2.2
Ω
10
Ω
220
Ω
10 pF
100 pF
47
Ω
47
Ω
82
Ω
82
Ω
39 pF
39 pF
100
Ω
100
Ω
2.2
Ω
1.0
Ω
1.0
Ω
470 nF
470 nF
470 nF
2.2 k
Ω
(1)
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com