Electronic Components Datasheet Search
  English  ▼

X  

TDA8296 Datasheet(PDF) 55 Page - NXP Semiconductors

Part # TDA8296
Description  Digital global standard low IF demodulator for analog TV and FM radio
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA8296 Datasheet(HTML) 55 Page - NXP Semiconductors

Back Button TDA8296 Datasheet HTML 51Page - NXP Semiconductors TDA8296 Datasheet HTML 52Page - NXP Semiconductors TDA8296 Datasheet HTML 53Page - NXP Semiconductors TDA8296 Datasheet HTML 54Page - NXP Semiconductors TDA8296 Datasheet HTML 55Page - NXP Semiconductors TDA8296 Datasheet HTML 56Page - NXP Semiconductors TDA8296 Datasheet HTML 57Page - NXP Semiconductors TDA8296 Datasheet HTML 58Page - NXP Semiconductors TDA8296 Datasheet HTML 59Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 87 page
background image
TDA8296
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 3 March 2011
55 of 87
NXP Semiconductors
TDA8296
Digital global standard low IF demodulator for analog TV and FM radio
Reference frequency in Oscillator mode (with a crystal)
fxtal
crystal frequency
-
16
-
MHz
Δf
xtal/fxtal
relative crystal frequency
variation
temperature, ageing and
spreading
-
-
±200 10−6
IF input
Vi(p-p)
peak-to-peak input voltage
for full-scale ADC input
(0 dBFS)
0.7
0.8
0.9
V
Ri(dif)
differential input resistance
10
15
-
k
Ω
Ci(dif)
differential input
capacitance
-
2
3
pF
Vi
input voltage
operational input related to
ADC full scale; all standards;
sum of all signals
−3
−3
−3
dBFS
fi
input frequency
PC / SC1
M/N standard
-
5.40 / 0.90 -
MHz
B standard
-
6.40 / 0.90 -
MHz
G/H standard
-
6.75 / 1.25 -
MHz
I standard
-
7.25 / 1.25 -
MHz
D/K standard
-
6.85 / 0.35 -
MHz
L standard
-
6.75 / 0.25 -
MHz
L-accent standard
-
1.25 / 7.75 -
MHz
FM radio
-
1.25
-
MHz
IF selectivity
α
sup(stpb)
stop-band suppression
Hilbert filter stop-band
−60
-
-
dB
decimation filter stop-band
−40
-
-
dB
notch for NSC (NPC for
L-accent standard)
[2]
−40
-
-
dB
Carrier recovery FPLL
B−3dB(cl)
closed-loop
−3 dB
bandwidth
ultrawide
-
280
-
kHz
superwide
-
130
-
kHz
wide
-
60
-
kHz
medium
-
30
-
kHz
narrow
-
15
-
kHz
Δf
pullin
pull-in frequency range
[3] -
±830
-
kHz
mover(PC)
picture carrier over
modulation index
black for L/L-accent standard;
flat field white else
115
117
-
%
fstep(AFC)
AFC step frequency
128 steps
[3] 13
-
-
kHz
Table 64.
Characteristics …continued
Power supplies 3.3 V, 1.2 V; Tamb = 25 °C; PC/SC1 for L and M = 10 dB, all others 13 dB; nominal residual picture carrier of
3 % for L/L’ , 10 % for M, 10 % for B/G, 12.5 % for D/K, 20 % for I; FM/AM modulation = 54 %, 1 kHz modulation frequency;
measured in application PCB (see Figure 22 and Figure 23) with 16 MHz crystal frequency, terminated with 75
Ω (CVBS) and
1 k
Ω (SSIF/audio). Operation mode set via easy programming (Section 9.3.1), otherwise stated. Low IF input signal at -3dB
full scale, input frequencies as defined under row header IF input.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com