Electronic Components Datasheet Search
  English  ▼

X  

TDA8296 Datasheet(PDF) 28 Page - NXP Semiconductors

Part # TDA8296
Description  Digital global standard low IF demodulator for analog TV and FM radio
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA8296 Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button TDA8296 Datasheet HTML 24Page - NXP Semiconductors TDA8296 Datasheet HTML 25Page - NXP Semiconductors TDA8296 Datasheet HTML 26Page - NXP Semiconductors TDA8296 Datasheet HTML 27Page - NXP Semiconductors TDA8296 Datasheet HTML 28Page - NXP Semiconductors TDA8296 Datasheet HTML 29Page - NXP Semiconductors TDA8296 Datasheet HTML 30Page - NXP Semiconductors TDA8296 Datasheet HTML 31Page - NXP Semiconductors TDA8296 Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 87 page
background image
TDA8296
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 3 March 2011
28 of 87
NXP Semiconductors
TDA8296
Digital global standard low IF demodulator for analog TV and FM radio
9.3.6 Filter settings
Fig 8.
TDA8296 DTO_SC characteristic
DTO reg val (dec) (1E6)
0
12
8
4
001aam354
4
6
2
8
10
Fsc
[MHz]
0
Table 20.
Values for SSIF mode at 54 MHz sampling frequency
Standard
DTO_SC[23:16]
DTO_SC[15:8]
DTO_SC[7:0]
Band-pass center frequency
M/N
55h
55h
00h
4.5 MHz
B
6Dh
09h
00h
5.75 MHz
G/H
6Dh
09h
00h
5.75 MHz
I
76h
84h
00h
6.25 MHz
D/K
76h
84h
00h
6.25 MHz
L/L-accent
72h
B9h
00h
6.05 MHz
FM radio
68h
4Bh
00h
5.5 MHz
Table 21.
FILTERS_1 register (address 0Fh) bit description
Legend: * = default value.
Bit
Symbol
Access
Value
Description
7 to 5
VID_FILT[2:0]
R/W
video low-pass filter to remove all unwanted frequencies
(own sound carriers) above video content (see Figure 9)
001*
video low-pass filter 4 MHz
010
video low-pass filter 5 MHz
100
video low-pass filter off
4 to 0
NOTCH_FILT[4:0]
R/W
The notch filter attenuates the adjacent sound carrier N
− 1,
which is located differently dependent on standard
(see Figure 10).
0 0001*
notch filter at 6.9 MHz for M/N standard
0 0010
notch filter at 7.9 MHz for B standard
0 0100
notch filter at 8.3 MHz for D/K and L standard
0 1000
notch filter at 9.25 MHz for G/H, I and L-accent standard
1 0000
notch filter bypass



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com