Electronic Components Datasheet Search
  English  ▼

X  

TDA8296 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TDA8296
Description  Digital global standard low IF demodulator for analog TV and FM radio
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA8296 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TDA8296 Datasheet HTML 9Page - NXP Semiconductors TDA8296 Datasheet HTML 10Page - NXP Semiconductors TDA8296 Datasheet HTML 11Page - NXP Semiconductors TDA8296 Datasheet HTML 12Page - NXP Semiconductors TDA8296 Datasheet HTML 13Page - NXP Semiconductors TDA8296 Datasheet HTML 14Page - NXP Semiconductors TDA8296 Datasheet HTML 15Page - NXP Semiconductors TDA8296 Datasheet HTML 16Page - NXP Semiconductors TDA8296 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 87 page
background image
TDA8296
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 3 March 2011
13 of 87
NXP Semiconductors
TDA8296
Digital global standard low IF demodulator for analog TV and FM radio
9.1.1 Write mode
Fig 3.
I2C-bus Write mode
Table 6.
Address format
7
6
5
4
3
2
1
0
1
0
0
SADDR1
0
1
SADDR0
R/W
Table 7.
I2C-bus transfer description
Field
Bit
Description
S
-
START condition
Byte 1
7 to 5
device address
4
SADDR1
3 and 2
device address
1
SADDR0
0
R/W = 0 for write action
A
-
acknowledge
Byte 2
7 to 0
start index
A
-
acknowledge
Byte 3
7 to 0
data 1
A
-
acknowledge
:
Byte n
7 to 0
data n
A
-
acknowledge
P
-
STOP condition
a. Address 84h, write 02h in register 01h
b. Address 84h, write 05h in register 02h and 04h in register 03h
Fig 4.
Examples I2C-bus Write mode
001aad381
BYTE 1
BYTE 2
BYTE 3
BYTE n
SA
A
A
A
P
address 0
start index
data 1
data n
start
ack
ack
ack
....
ack
stop
001aah355
BYTE 1
SA
1000 0100
BYTE 2
0000 0001
BYTE 3
0000 0010
start
ack
A
ack
A
ack
P
stop
001aah356
BYTE 1
S
1000 0100
BYTE 2
0000 0010
BYTE 3
0000 0101
BYTE 4
0000 0100
start
A
ack
A
ack
A
ack
A
ack
P
stop



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com