Electronic Components Datasheet Search
  English  ▼

X  

TDA8296 Datasheet(PDF) 67 Page - NXP Semiconductors

Part # TDA8296
Description  Digital global standard low IF demodulator for analog TV and FM radio
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA8296 Datasheet(HTML) 67 Page - NXP Semiconductors

Back Button TDA8296 Datasheet HTML 63Page - NXP Semiconductors TDA8296 Datasheet HTML 64Page - NXP Semiconductors TDA8296 Datasheet HTML 65Page - NXP Semiconductors TDA8296 Datasheet HTML 66Page - NXP Semiconductors TDA8296 Datasheet HTML 67Page - NXP Semiconductors TDA8296 Datasheet HTML 68Page - NXP Semiconductors TDA8296 Datasheet HTML 69Page - NXP Semiconductors TDA8296 Datasheet HTML 70Page - NXP Semiconductors TDA8296 Datasheet HTML 71Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 87 page
background image
TDA8296
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 3 March 2011
67 of 87
NXP Semiconductors
TDA8296
Digital global standard low IF demodulator for analog TV and FM radio
13.2.4 Buffer application
13.2.5 Layout recommendations
Set value of B_DA_V[5:0] to 18h (part of register 0x35h) and value of B_DA_S[5:0] to 17h (part of register 0x36h)
Fig 25. Buffer application with 75
Ω load
001aam374
33
Ω
2 k
Ω
100
Ω
100
Ω
150
pF
33
Ω
33
Ω
200
Ω
150
Ω
150
Ω
560
Ω
PBSS2515VS
PBSS4140U
CVBS
75 Ohm
(SCART)
+5 V
VIDEO
DECODER
68
Ω
220
pF
150
pF
47
μF
11
13
16
17
SSIF Out
14
TDA8296
100 nF
(1) Bottom layer
(2) Top layer
Fig 26. PCB pattern using circuit diagrams of Figure 20, Figure 22, Figure 23 and 16 MHz
reference from XTAL
001aam882
001aam882
SDA
SDA-T
SCL-T
IF-AGC
Low-IFp
Low-IFn
SCL
SIFp
CVBSp
2.2
Ω
47
Ω
47
Ω
82
Ω
82
Ω
39 pF
39 pF
2.2
Ω
10
Ω
100
Ω
100
Ω
2.2
Ω
1.0
Ω
1.0
Ω
470 nF
470 nF
16 MHz
n.c.
n.c.
TDA8296HN
18.00
18.00
(1)
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com