Electronic Components Datasheet Search
  English  ▼

X  

TDA8296 Datasheet(PDF) 39 Page - NXP Semiconductors

Part # TDA8296
Description  Digital global standard low IF demodulator for analog TV and FM radio
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA8296 Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button TDA8296 Datasheet HTML 35Page - NXP Semiconductors TDA8296 Datasheet HTML 36Page - NXP Semiconductors TDA8296 Datasheet HTML 37Page - NXP Semiconductors TDA8296 Datasheet HTML 38Page - NXP Semiconductors TDA8296 Datasheet HTML 39Page - NXP Semiconductors TDA8296 Datasheet HTML 40Page - NXP Semiconductors TDA8296 Datasheet HTML 41Page - NXP Semiconductors TDA8296 Datasheet HTML 42Page - NXP Semiconductors TDA8296 Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 87 page
background image
TDA8296
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 3 March 2011
39 of 87
NXP Semiconductors
TDA8296
Digital global standard low IF demodulator for analog TV and FM radio
Remark: The SSIF level depends also on the used capacitor CS. Please refer to
Figure 14
Table 37.
SSIF_LEVEL register (address 23h) bit description
Legend: * = default value.
Bit
Symbol
Access Value
Description
7 to 0 SSIF_LVL[7:0]
R/W
SSIF output level adjustment; SSIF AGC on
(21h[5] = 1)
1111 1111
+3 dB
:
:
1010 1111*
0 dB
:
:
0100 0000
to
0000 0000
−8.7 dB
SSIF output level adjustment; SSIF AGC off
(21h[5] = 0)
XXX0 0001
−12 dB nominal; implemented for flexibility
reasons. With this setting, the adaptation to
different standard requirements can be done.
XXX0 0010
−6 dB nominal; implemented for flexibility
reasons. With this setting, the adaptation to
different standard requirements can be done.
XXX0 0100
Nominal setting; typical output level is
55 mV (RMS) for PC / SC ratio of 13 dB
(see Section 12, SSIF/mono sound output).
XXX0 1000
+6 dB nominal; implemented for flexibility
reasons. With this setting, the adaptation to
different standard requirements can be done.
XXX1 0000
+12 dB nominal; implemented for flexibility
reasons. With this setting, the adaptation to
different standard requirements can be done.
XXXX XXXX
don’t care if mono sound output is chosen
(SSIF_SND[1:0] = 01)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com