Electronic Components Datasheet Search
  English  ▼

X  

TDA8296 Datasheet(PDF) 69 Page - NXP Semiconductors

Part # TDA8296
Description  Digital global standard low IF demodulator for analog TV and FM radio
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA8296 Datasheet(HTML) 69 Page - NXP Semiconductors

Back Button TDA8296 Datasheet HTML 65Page - NXP Semiconductors TDA8296 Datasheet HTML 66Page - NXP Semiconductors TDA8296 Datasheet HTML 67Page - NXP Semiconductors TDA8296 Datasheet HTML 68Page - NXP Semiconductors TDA8296 Datasheet HTML 69Page - NXP Semiconductors TDA8296 Datasheet HTML 70Page - NXP Semiconductors TDA8296 Datasheet HTML 71Page - NXP Semiconductors TDA8296 Datasheet HTML 72Page - NXP Semiconductors TDA8296 Datasheet HTML 73Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 87 page
background image
TDA8296
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 3 March 2011
69 of 87
NXP Semiconductors
TDA8296
Digital global standard low IF demodulator for analog TV and FM radio
The following relation gives the value of the full-scale current IFS in function of the bias
resistance value and value of B_DA_V[5:0] (part of register 0x35h) and value of
B_DA_S[5:0] (part of register 0x36h) (B_DA_V or B_DA_S):
(2)
0
≤ B_DA_V/S ≤ 63
For programming of B_DA_V see Table 50, for B_DA_S see Table 51.
The DAC signal range used for CVBS and sound signal is reduced to provide headroom.
The signal headroom is shown in Figure 29 and Figure 30. The full scale DAC current
corresponds to digital input value of 1034. For the pins VIOUT_P and SIOUT_P the
corresponding signal shapes of CVBS and sound signal can be mapped linear to the full
scale DAC current. For the CVBS signal the sync level is fixed, the white level depends
also on register value CVBS_LVL[7:0]. For the sound signal the DC level is fixed.
(1) IV_IOUTP for RRSET = 1 kΩ
(2) IV_IOUTP for RRSET = 1.5 kΩ
(3) IV_IOUTP for RRSET = 2 kΩ
Fig 28. TDA8296 calculated DAC characteristic
I
FS
1.216 V
RSET
R
RSET
------------------------------
1
5
---
×
64
B_DA_V/S
+
48
--------------------------------------
×
64
×
=
DAC reg (dec)
030
70
10
50
40
60
20
001aam357
45
5
15
25
35
DAC current
[mA]
(1)
(2)
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com