Electronic Components Datasheet Search
  English  ▼

X  

TDA8296 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # TDA8296
Description  Digital global standard low IF demodulator for analog TV and FM radio
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA8296 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button TDA8296 Datasheet HTML 7Page - NXP Semiconductors TDA8296 Datasheet HTML 8Page - NXP Semiconductors TDA8296 Datasheet HTML 9Page - NXP Semiconductors TDA8296 Datasheet HTML 10Page - NXP Semiconductors TDA8296 Datasheet HTML 11Page - NXP Semiconductors TDA8296 Datasheet HTML 12Page - NXP Semiconductors TDA8296 Datasheet HTML 13Page - NXP Semiconductors TDA8296 Datasheet HTML 14Page - NXP Semiconductors TDA8296 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 87 page
background image
TDA8296
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 3 March 2011
11 of 87
NXP Semiconductors
TDA8296
Digital global standard low IF demodulator for analog TV and FM radio
A video leveling stage follows, which brings the output within the SCART specification
(
±3 dB overall), despite heavy over modulation. The response time is made very slow.
Finally, a video equalizer allows to compensate the perhaps non-flat frequency response
from the tuner or to change the overall video response according to customer wish (i.e.
peaking or early roll-off).
8.5 Upsampler and video DAC
The filtered and compensated CVBS signal is connected to the oversampled 10-bit video
DAC (fs = 108 MHz) via an interpolation stage. The strong oversampling replaces a
former complicated LCR postfiltering by a simple first-order RC low-pass filter to remove
the DAC image frequencies sufficiently. This holds also for the sound DAC, described in
Section 8.6.
8.6 SSIF/mono sound processing
The complex signal is routed via a band-pass, AGC and interpolation filter to the 10-bit
sound DAC for the recovery of the second sound carriers (SSIF). A very sharp band-pass
filter at 5.5 MHz is added in the FM Radio mode to remove neighbor channels. This also
eases the dynamic burden on the following ADC in the demodulator/decoder chip. The
afore-mentioned high-selectivity band-pass, which replaces the former ceramic filter, is
located behind a frequency shifter. In there, the incoming wanted FM radio channel from
the Silicon Tuner is changed from 1.25 MHz to 5.5 MHz.
Moreover, the complex signal is demodulated in a linear CORDIC detector and low-pass
filtered to attenuate the video spectrum and the second sound carrier, respectively other
disturbers above the intercarrier. The output of the linear CORDIC (phase information) is
differentiated for getting the demodulated FM audio. The AM demodulation is executed in
a synchronous fashion by using a narrow-band PLL demodulator.
A de-emphasis filter is implemented for FM standards, before the audio is interpolated to
108 MHz as in the CVBS case.
The mono audio is made available in the sound DAC via an I2C-bus controlled selector in
case the intercarrier path is not used for driving an external stereo demodulator.
However, if the mono audio output has to meet the SCART specification, an external
cheap operational amplifier with 12 dB gain becomes necessary, because the low supply
voltage for the TDA8296 doesn’t allow such high levels like 2 V (RMS) maximum.
8.7 Tuner IF AGC
This AGC controls the tuner IF AGC amplifier in the TDA1827x in such a way, that the
IF ADC is always running with a permanent headroom of 3 dB for the sum of all signals
present at the ADC input. This ensures an always optimal exploitation of the dynamic
range in the IF ADC.
The detection is done in peak Search mode during a field period. The attack time is made
much faster than the decay time in order to avoid transient clipping effects in the IF ADC.
This can happen during channel change or airplane flutter conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com