Electronic Components Datasheet Search
  English  ▼

X  

TDA8296 Datasheet(PDF) 62 Page - NXP Semiconductors

Part # TDA8296
Description  Digital global standard low IF demodulator for analog TV and FM radio
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA8296 Datasheet(HTML) 62 Page - NXP Semiconductors

Back Button TDA8296 Datasheet HTML 58Page - NXP Semiconductors TDA8296 Datasheet HTML 59Page - NXP Semiconductors TDA8296 Datasheet HTML 60Page - NXP Semiconductors TDA8296 Datasheet HTML 61Page - NXP Semiconductors TDA8296 Datasheet HTML 62Page - NXP Semiconductors TDA8296 Datasheet HTML 63Page - NXP Semiconductors TDA8296 Datasheet HTML 64Page - NXP Semiconductors TDA8296 Datasheet HTML 65Page - NXP Semiconductors TDA8296 Datasheet HTML 66Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 87 page
background image
TDA8296
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 3 March 2011
62 of 87
NXP Semiconductors
TDA8296
Digital global standard low IF demodulator for analog TV and FM radio
(S/N)w(SC1)
first sound carrier weighted
signal-to-noise ratio
via external SSIF sound
demodulator in Dual mode;
“ITU-R BS.468-4”; FM mode
related to 27 kHz deviation
before pre-emphasis; 10 %
residual PC
black picture
-
58
-
dB
flat field white picture
-
57
-
dB
6 kHz sine wave picture
-
57
-
dB
250 kHz square wave
picture
-
58
-
dB
crosshatch picture
-
52
-
dB
color bar picture
-
58
-
dB
via SSIF sound demodulator;
“ITU-R BS.468-4”; AM;
m = 54 %; 3 % residual PC
black picture
-
44
-
dB
flat field white picture
-
44
-
dB
color bar picture
-
44
-
dB
(S/N)w(SC2)
second sound carrier
weighted signal-to-noise
ratio
via external SSIF sound
demodulator in Dual mode;
“ITU-R BS.468-4”; FM mode
related to 27 kHz deviation
before pre-emphasis; 10 %
residual PC
black picture
-
56
-
dB
flat field white picture
-
55
-
dB
6 kHz sine wave picture
-
55
-
dB
250 kHz square wave
picture
-
51
-
dB
crosshatch picture
-
51
-
dB
color bar picture
-
56
-
dB
(S/N)w
weighted signal-to-noise
ratio
FM radio; via SSIF sound
demodulator in Mono mode;
“ITU-R BS.468-4”;
22.5 kHz deviation
-
55
-
dB
Table 64.
Characteristics …continued
Power supplies 3.3 V, 1.2 V; Tamb = 25 °C; PC/SC1 for L and M = 10 dB, all others 13 dB; nominal residual picture carrier of
3 % for L/L’ , 10 % for M, 10 % for B/G, 12.5 % for D/K, 20 % for I; FM/AM modulation = 54 %, 1 kHz modulation frequency;
measured in application PCB (see Figure 22 and Figure 23) with 16 MHz crystal frequency, terminated with 75
Ω (CVBS) and
1 k
Ω (SSIF/audio). Operation mode set via easy programming (Section 9.3.1), otherwise stated. Low IF input signal at -3dB
full scale, input frequencies as defined under row header IF input.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com