Electronic Components Datasheet Search
  English  ▼

X  

HT45F12 Datasheet(PDF) 46 Page - Holtek Semiconductor Inc

Part # HT45F12
Description  8-Bit Flash MCU with Op Amps & Comparators
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F12 Datasheet(HTML) 46 Page - Holtek Semiconductor Inc

Back Button HT45F12 Datasheet HTML 42Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 43Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 44Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 45Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 46Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 47Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 48Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 49Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 50Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 104 page
background image
Rev. 0.00
4�
�e�te��e� ��� �01�
Rev. 0.00
47
�e�te��e� ��� �01�
HT45F12
8-Bit Flash MCU with Op Amps & Comparators
HT45F12
8-Bit Flash MCU with Op Amps & Comparators
Bit2~0
WS2 ~ WS0:SelectWDTTimeoutPeriod
000:28/fS
001:210/fS
010:212/fS
011:214/fS
100:215/fS
101:216/fS
110:217/fS
111:218/fS
ThesethreebitsdeterminethedivisionratiooftheWatchdogTimersourceclock,
whichinturndeterminesthetimeoutperiod.
CTRL Register
Bit
7
6
5
4
3
2
1
0
Na�e
F�Y�ON
—
—
—
—
LVRF
LRF
WRF
R/W
R/W
—
—
—
—
R/W
R/W
R/W
POR
0
—
—
—
—
x
0
0
Bit7
FSYSON:fSYSControlinIDLEMode
Describeelsewhere.
Bit6~3
Unimplemented,readas“0”
Bit2
LVRF:LVRfunctionresetflag
Describeelsewhere.
Bit1
LRF:LVRControlregistersoftwareresetflag
Describeelsewhere.
Bit0
WRF:WDTControlregistersoftwareresetflag
0:Notoccur
1:Occurred
Thisbitissetto1bytheWDTControlregistersoftwareresetandclearedbythe
applicationprogram.Notethatthisbitcanonlybeclearedto0bytheapplication
program.
Watchdog Timer Operation
TheWatchdogTimeroperatesbyprovidingadeviceresetwhenitstimeroverflows.Thismeans
thatintheapplicationprogramandduringnormaloperationtheuserhastostrategicallyclearthe
WatchdogTimerbeforeitoverflowstopreventtheWatchdogTimerfromexecutingareset.Thisis
doneusingtheclearwatchdoginstructions.Iftheprogrammalfunctionsforwhateverreason,jumps
toanunknownlocation,orentersanendlessloop,theseclearinstructionswillnotbeexecutedinthe
correctmanner,inwhichcasetheWatchdogTimerwilloverflowandresetthedevice.AWatchdog
TimerconfigurationoptiondeterminesiftheWatchdogTimerisalwaysenabledorifitisenabled
usingtheapplicationprogram.WithregardtotheWatchdogTimerenable/disablefunction,thereare
alsofivebits,WE4~WE0,intheWDTCregistertoofferadditionalenable/disableandresetcontrol
oftheWatchdogTimer.IftheWDTconfigurationoptionhasselectedthattheWDTfunctionis
alwaysenabled,thenWE4~WE0bitsstillhaveeffectontheWDTfunction.WhentheWE4~WE0
bitsvalueareequalto01010Bor10101B,theWDTfunctionisenabled.However,iftheWE4~WE0
bitsarechangedtoanyothervaluesexcept01010Band10101B,whichcouldbecausedbyadverse
environmentalconditionssuchasnoise,itwillresetthemicrocontrollerafter2~3LIRCclock
cycles.IftheWDTconfigurationoptionhasselectedthattheWDTfunctioniscontrolledusingthe
applicationprogram,thentheWDTcontrolregisterbits,WE4~WE0,areusedtoenableordisable
theWatchdogTimer.InthiscasetheWDTfunctionwillbedisabledwhentheWE4~WE0bitsare



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com