Electronic Components Datasheet Search
  English  ▼

X  

HT45F12 Datasheet(PDF) 76 Page - Holtek Semiconductor Inc

Part # HT45F12
Description  8-Bit Flash MCU with Op Amps & Comparators
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F12 Datasheet(HTML) 76 Page - Holtek Semiconductor Inc

Back Button HT45F12 Datasheet HTML 72Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 73Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 74Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 75Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 76Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 77Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 78Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 79Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 80Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 104 page
background image
Rev. 0.00
7�
�e�te��e� ��� �01�
Rev. 0.00
77
�e�te��e� ��� �01�
HT45F12
8-Bit Flash MCU with Op Amps & Comparators
HT45F12
8-Bit Flash MCU with Op Amps & Comparators
Onceaninterruptsubroutineisserviced,alltheotherinterruptswillbeblocked,astheEMIbitwill
beclearedautomatically.Thiswillpreventanyfurtherinterruptnestingfromoccurring.However,
ifotherinterruptrequestsoccurduringthisinterval,althoughtheinterruptwillnotbeimmediately
serviced,therequestflagwillstillberecorded.Ifaninterruptrequiresimmediateservicingwhilethe
programisalreadyinanotherinterruptserviceroutine,theEMIbitshouldbesetafterenteringthe
routine,toallowinterruptnesting.Ifthestackisfull,theinterruptrequestwillnotbeacknowledged,
eveniftherelatedinterruptisenabled,untiltheStackPointerisdecremented.Ifimmediateservice
isdesired,thestackmustbepreventedfrombecomingfull.
Interrupt Priority
Interrupts,occurringintheintervalbetweentherisingedgesoftwoconsecutiveT2pulses,willbe
servicedonthelatterofthetwoT2pulses,ifthecorrespondinginterruptsareenabled.Incaseof
simultaneousrequests,thefollowingtableshowstheprioritythatisapplied.
Interrupt Source
Priority
Vector
Exte�nal inte��u�t 0
1
04H
Exte�nal inte��u�t 1
�
08H
Ti�e�/Event Counter overflow
3
0CH
Multi-function Inte��u�t
4
18H
TheTimeBaseinterrupts,ComparatorinterruptandEEPROMinterruptallsharethesameinterrupt
vectorwhichis18H.Eachoftheseinterruptshastheirownindividualinterruptflagbutalsoshare
thesameMFFinterruptflag.TheMFFflagwillbeclearedbyhardwareoncetheMulti-function
interruptisserviced,howevertheindividualinterruptsthathavetriggeredtheMulti-function
interruptneedtobeclearedbytheapplicationprogram.
INTC0 Register
Bit
7
6
5
4
3
2
1
0
Na�e
—
TF
EIF1
EIF0
ETI
EEI1
EEI0
EMI
R/W
—
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
—
0
0
0
0
0
0
0
Bit7
Unimplemented,readas“0”
Bit6
TF:Timer/Eventcounterinterruptrequestflag
0:Inactive
1:Active
Bit5
EIF1:Externalinterrupt1requestflag
0:Inactive
1:Active
Bit4
EIF0:Externalinterrupt0requestflag
0:Inactive
1:Active
Bit3
ETI:Timer/Eventcounterinterruptenable
0:Disable
1:Enable
Bit2
EEI1:Externalinterrupt1enable
0:Disable
1:Enable
Bit1
EEI0:Externalinterrupt0enable
0:Disable
1:Enable
Bit0
EMI:Masterinterruptglobalenable
0:Globaldisable
1:Globalenable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com