Electronic Components Datasheet Search
  English  ▼

X  

HT45F12 Datasheet(PDF) 65 Page - Holtek Semiconductor Inc

Part # HT45F12
Description  8-Bit Flash MCU with Op Amps & Comparators
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F12 Datasheet(HTML) 65 Page - Holtek Semiconductor Inc

Back Button HT45F12 Datasheet HTML 61Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 62Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 63Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 64Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 65Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 66Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 67Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 68Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 69Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 104 page
background image
Rev. 0.00
�4
�e�te��e� ��� �01�
Rev. 0.00
�5
�e�te��e� ��� �01�
HT45F12
8-Bit Flash MCU with Op Amps & Comparators
HT45F12
8-Bit Flash MCU with Op Amps & Comparators
OPA1C1 register
Bit
7
6
5
4
3
2
1
0
Na�e
A1O�CIN A1O�N A1P�EL1 A1P�EL0
A1P�
A1N�
A1OEN
A1EN
R/W
R/W
R/W
R/W
R
R/W
R/W
R/W
R/W
POR
0
0
0
0
1
1
0
0
Bit7
A1O2CIN:OPA1outputtocomparatorinputcontrolbit
0:Disable
1:Enable
Bit6
A1O2N:OPA1outputtoOPA1Invertinginputcontrolbit
0:Disable
1:Enable
Bit5~4
A1PSEL1, A1PSEL0:OPA1Non-invertinginputselectionbit
00:Noconnection
01:From0.9VLDO
10:FromVM
11:From0.1VLDO
Bit3
A1PS:OPA1positiveinputswitchOn/Offbit
0:Off
1:On
Bit2
A1NS:OPA1negativeinputswitchOn/Offbit
0:Off
1:On
Bit1
A1OEN:OPA1outputenableordisablecontrolbit
0:Disable
1:Enable
Bit0
A1EN:OPA1enableordisablecontrolbit
0:Disable
1:Enable
OPA2C0 register
Bit
7
6
5
4
3
2
1
0
Na�e
A�OP
A�OFM
A�R�
A�OF4
A�OF3
A�OF�
A�OF1
A�OF0
R/W
R
R/W
R/W
R
R/W
R/W
R/W
R/W
POR
0
0
0
1
0
0
0
0
Bit7
A2OP:Operationalamplifieroutput;positivelogic.Thisbitisreadonly.
Bit6
A2OFM:Operationalamplifiermodeorinputoffsetvoltagecancellationmode
0:Operationalamplifiermode
1:Inputoffsetvoltagecancellationmode
Bit5
A2RS:Operationalamplifierinputoffsetvoltagecancellationreferenceselectionbit
0:SelectA2Nasthereferenceinput
1:SelectA2Pasthereferenceinput
Bit4~0
A2OF4~A2OF0:Operationalamplifierinputoffsetvoltagecancellationcontrolbits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com