Electronic Components Datasheet Search
  English  ▼

X  

HT45F12 Datasheet(PDF) 84 Page - Holtek Semiconductor Inc

Part # HT45F12
Description  8-Bit Flash MCU with Op Amps & Comparators
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F12 Datasheet(HTML) 84 Page - Holtek Semiconductor Inc

Back Button HT45F12 Datasheet HTML 80Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 81Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 82Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 83Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 84Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 85Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 86Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 87Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 88Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 104 page
background image
Rev. 0.00
84
�e�te��e� ��� �01�
Rev. 0.00
85
�e�te��e� ��� �01�
HT45F12
8-Bit Flash MCU with Op Amps & Comparators
HT45F12
8-Bit Flash MCU with Op Amps & Comparators
PAC Register
PAC6
PAC Register
PAC7
PA Data Register
PA6
PA Data Register
PA7
Output
Function
0
0
1
×
PA�=BZ
PA7=BZ
0
0
0
×
PA�= “0”
PA7= “0”
0
1
1
×
PA�=BZ
PA7=in�ut line
0
1
0
×
PA�= “0”
PA7=in�ut line
1
0
×
D
PA�=in�ut line
PA7=D
1
1
×
×
PA�=in�ut line
PA7=in�ut line
“×” stands fo� don’t ca�e
“D” stands fo� Data “0” o� “1”
IftheoptionshaveselectedthatonlythePA6pinistofunctionasaBZbuzzerpin,thenthePA7pin
canbeusedasanormalI/Opin.ForthePA6pintofunctionasaBZbuzzerpin,PA6mustbesetup
asanoutputbysettingbitPAC6ofthePACportcontrolregistertozero.ThePA6databitinthePA
dataregistermustalsobesethightoenablethebuzzeroutput,ifsetlowpinPA6willremainlow.In
thiswaythePA6bitcanbeusedasanon/offcontrolfortheBZbuzzerpinPA6.IfthePAC6bitof
thePACportcontrolregisterissethigh,thenpinPA6canstillbeusedasaninputeventhoughthe
optionhasconfigureditasaBZbuzzeroutput.
NotethatnomatterwhatBPCTLoptionischosenforthebuzzer,iftheportcontrolregisterhas
setupthepintofunctionasaninput,thenthiswilloverridetheBPCTLoptionselectionandforce
thepintoalwaysbehaveasaninputpin.Thisarrangementenablesthepintobeusedasbotha
buzzerpinandasaninputpin,soregardlessoftheBPCTLoptionchosen;theactualfunctionofthe
pincanbechangeddynamicallybytheapplicationprogrambyprogrammingtheappropriateport
controlregisterbit.
In te r nal C lo ck S our ce
PA 6 Da ta
BZ O ut pu t a t PA 6
BZ O ut put a t PA7
PA 7 Da ta
Buzzer Output Pin Control
Note:TheabovedrawingshowsthesituationwherebothpinsPA6andPA7areselectedbyBPCTL
optiontobeBZandBZbuzzerpinoutputs.ThePortControlRegisterofbothpinsmusthave
alreadybeensetupasoutput.ThedatasetuponpinPA7hasnoeffectonthebuzzeroutputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com