Electronic Components Datasheet Search
  English  ▼

X  

HT45F12 Datasheet(PDF) 52 Page - Holtek Semiconductor Inc

Part # HT45F12
Description  8-Bit Flash MCU with Op Amps & Comparators
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F12 Datasheet(HTML) 52 Page - Holtek Semiconductor Inc

Back Button HT45F12 Datasheet HTML 48Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 49Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 50Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 51Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 52Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 53Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 54Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 55Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 56Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 104 page
background image
Rev. 0.00
5�
�e�te��e� ��� �01�
Rev. 0.00
53
�e�te��e� ��� �01�
HT45F12
8-Bit Flash MCU with Op Amps & Comparators
HT45F12
8-Bit Flash MCU with Op Amps & Comparators
Input/Output Ports
HoltekmicrocontrollersofferconsiderableflexibilityontheirI/Oports.Withtheinputoroutput
designationofeverypinfullyunderuserprogramcontrol,pull-highselectionsforallportsand
wake-upselectionsoncertainpins,theuserisprovidedwithanI/Ostructuretomeettheneedsofa
widerangeofapplicationpossibilities.
Thedeviceprovidesbidirectionalinput/outputlineslabeledwithportnamesPA~PC.TheseI/O
portsaremappedtotheRAMDataMemorywithspecificaddressesasshownintheSpecialPurpose
DataMemorytable.AlloftheseI/Oportscanbeusedforinputandoutputoperations.Forinput
operation,theseportsarenon-latching,whichmeanstheinputsmustbereadyattheT2risingedge
ofinstruction“MOVA,[m]”,wheremdenotestheportaddress.Foroutputoperation,allthedatais
latchedandremainsunchangeduntiltheoutputlatchisrewritten.
Register
Name
Bit
7
6
5
4
3
2
1
0
PAWU
D7
D�
D5
D4
D3
D�
D1
D0
PAPU
D7
D�
D5
D4
D3
D�
D1
D0
PA
D7
D�
D5
D4
D3
D�
D1
D0
PAC
D7
D�
D5
D4
D3
D�
D1
D0
PBPU
—
D�
—
—
D3
D�
D1
D0
PB
—
D�
—
—
D3
D�
D1
D0
PBC
—
D�
—
—
D3
D�
D1
D0
PCPU
—
D�
D5
D4
—
—
D1
D0
PC
—
D�
D5
D4
—
—
D1
D0
PCC
—
D�
D5
D4
—
—
D1
D0
Pull-high Resistors
Manyproductapplicationsrequirepull-highresistorsfortheirswitchinputsusuallyrequiringtheuse
ofanexternalresistor.Toeliminatetheneedfortheseexternalresistors,whenconfiguredasaninput
havethecapabilityofbeingconnectedtoaninternalpull-highresistor.Thesepull-highresistorsare
selectedusingregistersPAPU~PCPU,andareimplementedusingweakPMOStransistors.
PAPU Register
Bit
7
6
5
4
3
2
1
0
Na�e
D7
D�
D5
D4
D3
D�
D1
D0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit7~0
PortA bit7~bit0Pull-HighControl
0:Disable
1:Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com